Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4249 Datasheet (PDF) - Inchange Semiconductor Company Limited

2SC4249 Datasheet PDF - Inchange Semiconductor Company Limited
Part # 2SC4249
Download  2SC4249 Download
File Size   174.26 Kbytes
Page   4 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description Low Noise

2SC4249 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SC4249 Datasheet PDF - Inchange Semiconductor Company Limited

Part # 2SC4249
Download  2SC4249 Click to download

File Size   174.26 Kbytes
Page   4 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description Low Noise

2SC4249 Datasheet (HTML) - Inchange Semiconductor Company Limited


2SC4249 Product details

DESCRIPTION
• Low Noise NF = 2dB TYP. @ f = 200MHz
• High Gain Gpe = 24dB TYP. @ f = 200MHz

APPLICATIONS
• TV VHF RF amplifier applications




Similar Part No. - 2SC4249

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC4249 TOSHIBA-2SC4249 Datasheet
176Kb / 4P
NPN EPITAXIAL PLANAR TYPE (TV VHF RF AMPLIFIER APPLICATIONS)
logo
Guangdong Kexin Industr...
2SC4249 KEXIN-2SC4249 Datasheet
44Kb / 1P
Silicon NPN Epitaxial
More results


Similar Description - 2SC4249

ManufacturerPart #DatasheetDescription
logo
ams AG
SIGE AMSCO-SIGE Datasheet
91Kb / 1P
Low-Noise-Amplifier
logo
List of Unclassifed Man...
RGLNA10 ETC2-RGLNA10 Datasheet
44Kb / 2P
Low Noise Amplifier
logo
SeCoS Halbleitertechnol...
S9014 SECOS-S9014 Datasheet
259Kb / 2P
Low Level & Low Noise
logo
AVAGO TECHNOLOGIES LIMI...
MGA-684P8 AVAGO-MGA-684P8 Datasheet
136Kb / 10P
Low Noise Active Bias Low Noise Amplifi er
MGA-635P8 AVAGO-MGA-635P8_15 Datasheet
641Kb / 14P
Ultra Low Noise, High Linearity Low Noise Amplifier
MGA-684P8 AVAGO-MGA-684P8_15 Datasheet
136Kb / 10P
Low Noise Active Bias Low Noise Amplifi er
logo
Inchange Semiconductor ...
2SC2759 ISC-2SC2759 Datasheet
108Kb / 2P
Low Noise
2SC5086 ISC-2SC5086 Datasheet
316Kb / 7P
Low Noise
logo
Broadcom Corporation.
MGA-635P8 BOARDCOM-MGA-635P8 Datasheet
641Kb / 14P
Ultra Low Noise, High Linearity Low Noise Amplifier
MGA-684P8 BOARDCOM-MGA-684P8 Datasheet
136Kb / 10P
Low Noise Active Bias Low Noise Amplifi er
More results




About Inchange Semiconductor Company Limited


Inchange Semiconductor Company Limited is a Chinese semiconductor company that was founded in 1997.

The company provides a wide range of products including discrete and analog power devices, and diodes for various applications in the automotive, industrial, and consumer markets.

Inchange is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.

The company has operations in several countries and is one of the leading suppliers of power devices and diodes in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com