Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4244 Datasheet (PDF) - Toshiba Semiconductor

2SC4244 Datasheet PDF - Toshiba Semiconductor
Part # 2SC4244
Download  2SC4244 Download
File Size   181.61 Kbytes
Page   4 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description NPN EPITAXIAL PLANAR TYPE (UHF TV TUNER RF AMPLIFIER APPLICATIONS)

2SC4244 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SC4244 Datasheet PDF - Toshiba Semiconductor

Part # 2SC4244
Download  2SC4244 Click to download

File Size   181.61 Kbytes
Page   4 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description NPN EPITAXIAL PLANAR TYPE (UHF TV TUNER RF AMPLIFIER APPLICATIONS)

2SC4244 Datasheet (HTML) - Toshiba Semiconductor


2SC4244 Product details

UHF TV Tuner RF Amplifier Applications

• Low noise figure: NF = 4dB (typ.)
• High power gain: Gpb = 17dB (typ.)
• Excellent forward AGC characteristics




Similar Part No. - 2SC4244

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
2SC4240 MITSUBISHI-2SC4240 Datasheet
95Kb / 2P
NPN EPITAXIAL PLANAR TYPE (RF POWER TRANSISTOR)
logo
Mospec Semiconductor
2SC4242 MOSPEC-2SC4242 Datasheet
120Kb / 3P
POWER TRANSISTOR(7A,400V,40W)
logo
List of Unclassifed Man...
2SC4242 ETC-2SC4242 Datasheet
105Kb / 1P
MOLD TYPE BIPOLAR TRANSISTORS
logo
Suntac Electronic Corp.
2SC4242 SUNTAC-2SC4242 Datasheet
129Kb / 2P
TRIPLE DIFFUSED PLANER TYPE HIGH VOLTAGE,HIGH SPEED SWITCHING
logo
Savantic, Inc.
2SC4242 SAVANTIC-2SC4242 Datasheet
152Kb / 4P
Silicon NPN Power Transistors
More results


Similar Description - 2SC4244

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC4214 TOSHIBA-2SC4214 Datasheet
179Kb / 3P
NPN PLANAR TYPE (UHF TV TUNER RF AMPLIFIER APPLICATIONS)
2SC4245 TOSHIBA-2SC4245 Datasheet
231Kb / 4P
NPN EPITAXIAL PLANAR TYPE (TV TUNER, UHF MIXER, VHF~UHF BAND RF AMPLIFIER APPLICATIONS
HN3C02F TOSHIBA-HN3C02F Datasheet
94Kb / 1P
NPN EPITAXIAL PLANAR TYPE (TV TUNER, UHF OSCILLATOR, CONVERTER APPLICATIONS)
HN3C02FU TOSHIBA-HN3C02FU Datasheet
92Kb / 1P
NPN EPITAXIAL PLANAR TYPE (TV TUNER, UHF CONVERTER, UHF RF AMPLIFIER APPLICATIONS)
HN3C03F TOSHIBA-HN3C03F Datasheet
93Kb / 1P
NPN EPITAXIAL PLANAR TYPE (TV TUNER, UHF OSCILLATOR, CONVERTER APPLICATIONS)
HN3C03FU TOSHIBA-HN3C03FU Datasheet
91Kb / 1P
NPN EPITAXIAL PLANAR TYPE (TV TUNER, UHF CONVERTER, UHF RF AMPLIFIER APPLICATIONS)
2SC3121 TOSHIBA-2SC3121_07 Datasheet
591Kb / 4P
Silicon NPN Epitaxial Planar Type TV Tuner, UHF Oscillator Applications
2SC3862 TOSHIBA-2SC3862_07 Datasheet
614Kb / 4P
Silicon NPN Epitaxial Planar Type TV Tuner, UHF Mixer Applications
2SC4214 TOSHIBA-2SC4214_07 Datasheet
517Kb / 5P
Silicon NPN Planar Type UHF TV Tuner RF Amplifier Applications
2SC4247 TOSHIBA-2SC4247_07 Datasheet
562Kb / 4P
Silicon NPN Epitaxial Planar Type TV Tuner, UHF Oscillator Applications
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com