Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4214 Datasheet (PDF) - Toshiba Semiconductor

2SC4214 Datasheet PDF - Toshiba Semiconductor
Part # 2SC4214
Download  2SC4214 Download
File Size   179.51 Kbytes
Page   3 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description NPN PLANAR TYPE (UHF TV TUNER RF AMPLIFIER APPLICATIONS)

2SC4214 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SC4214 Datasheet PDF - Toshiba Semiconductor

Part # 2SC4214
Download  2SC4214 Click to download

File Size   179.51 Kbytes
Page   3 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description NPN PLANAR TYPE (UHF TV TUNER RF AMPLIFIER APPLICATIONS)

2SC4214 Datasheet (HTML) - Toshiba Semiconductor


2SC4214 Product details

UHF TV Tuner RF Amplifier Applications



•  Low noise figure: NF = 2.8dB (typ.)

•  High power gain VCC= 4.5 V: Gpb= 15dB (typ.)

•  Excellent forward AGC characteristics




Similar Part No. - 2SC4214

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC4214 TOSHIBA-2SC4214 Datasheet
517Kb / 5P
Silicon NPN Planar Type UHF TV Tuner RF Amplifier Applications
2SC4214 TOSHIBA-2SC4214_07 Datasheet
517Kb / 5P
Silicon NPN Planar Type UHF TV Tuner RF Amplifier Applications
More results


Similar Description - 2SC4214

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC4244 TOSHIBA-2SC4244 Datasheet
181Kb / 4P
NPN EPITAXIAL PLANAR TYPE (UHF TV TUNER RF AMPLIFIER APPLICATIONS)
2SC4245 TOSHIBA-2SC4245 Datasheet
231Kb / 4P
NPN EPITAXIAL PLANAR TYPE (TV TUNER, UHF MIXER, VHF~UHF BAND RF AMPLIFIER APPLICATIONS
HN3C02FU TOSHIBA-HN3C02FU Datasheet
92Kb / 1P
NPN EPITAXIAL PLANAR TYPE (TV TUNER, UHF CONVERTER, UHF RF AMPLIFIER APPLICATIONS)
HN3C03FU TOSHIBA-HN3C03FU Datasheet
91Kb / 1P
NPN EPITAXIAL PLANAR TYPE (TV TUNER, UHF CONVERTER, UHF RF AMPLIFIER APPLICATIONS)
TG2000F TOSHIBA-TG2000F Datasheet
260Kb / 5P
TV TUNER, UHF RF AMPLIFIER APPLICATIONS)
3SK232 TOSHIBA-3SK232 Datasheet
1Mb / 3P
TV TUNER, UHF RF AMPLIFIER APPLICATIONS.
2SC4214 TOSHIBA-2SC4214_07 Datasheet
517Kb / 5P
Silicon NPN Planar Type UHF TV Tuner RF Amplifier Applications
3SK232 TOSHIBA-3SK232_07 Datasheet
423Kb / 4P
TV Tuner, UHF RF Amplifier Applications
3SK291 TOSHIBA-3SK291_07 Datasheet
744Kb / 6P
TV Tuner, UHF RF Amplifier Applications
logo
New Jersey Semi-Conduct...
2SK291 NJSEMI-2SK291 Datasheet
148Kb / 1P
TV TUNER, UHF RF AMPLIFIER APPLICATIONS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com