Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN8P2602B Datasheet (PDF) - SONiX Technology Company

SN8P2602B Datasheet PDF - SONiX Technology Company
Part # SN8P2602B
Download  SN8P2602B Download
File Size   701.09 Kbytes
Page   95 Pages
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company
Description 8-Bit Micro-Controller

SN8P2602B Datasheet (PDF)

Go To PDF Page Download Datasheet
SN8P2602B Datasheet PDF - SONiX Technology Company

Part # SN8P2602B
Download  SN8P2602B Click to download

File Size   701.09 Kbytes
Page   95 Pages
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company
Description 8-Bit Micro-Controller

SN8P2602B Datasheet (HTML) - SONiX Technology Company


SN8P2602B Product details

The SN8P2602B is a RISC-like high performance and low power consumption 8-bit micro-controller. One clock per instruction cycle (1T) architecture will provide up to 16MIPS computation power. Also, the high EFT (Electrical Fast Transients) protection capability let this device is suitable for high noisy industrial application. The device is designed with the excellent IC structure including the program memory up to 1K-word OTP ROM, data memory of 48-bytes RAM, Two 8-bit timer (T0, TC0), a watchdog timer, three interrupt sources (T0, TC0, INT0), and 4-level stack buffers. Besides, user can choose desired oscillator configuration for the controller. There are four external oscillator configurations to select for generating system clock, including High/Low speed crystal, ceramic resonator or cost-saving RC. This device also includes an internal RC oscillator for slow mode controlled by programming.

FEATURES
♦ Memory configuration
   OTP ROM size: 1K * 16 bits.
   RAM size: 48 * 8 bits.
   Four levels stack buffer
♦ I/O pin configuration
   Bi-directional: P0, P1, P5.
   Input only: P1.5.
   Programmable open-drain: P1.0.
   Wakeup: P0, P1 level change trigger
   Pull-up resisters: P0, P1, P5.
   External Interrupt trigger edge:
   P0.0 controlled by PEDGE register.
♦ 3-Level LVD.
   Reset system and power monitor.
♦ Powerful instructions
   One clocks per instruction cycle (1T)
   Most of instructions are one cycle only.
   All ROM area JMP instruction.
   All ROM area CALL address instruction.
   All ROM area lookup table function (MOVC)
♦ Three interrupt sources
   One internal interrupts: T0, TC0.
   One external interrupts: INT0.
♦ Two 8-bit Timer/Counter
   T0: Basic Timer.
   TC0: Auto-reload timer/Counter/Buzzer output
♦ On chip watchdog timer and clock source is internal
   low clock RC type (16KHz @3V, 32KHz @5V).
♦ Dual system clocks
   External high clock: RC type up to 10 MHz
   External high clock: Crystal type up to 16 MHz
   Internal low clock: RC type 16KHz(3V), 32KHz(5V)
♦ Operating modes
   Normal mode: Both high and low clock active
   Slow mode: Low clock only
   Sleep mode: Both high and low clock stop
   Green mode: Periodical wakeup by T0 Timer
♦ Package (Chip form support)
   PDIP 18 pins
   SOP 18 pins
   SSOP20 pins




Similar Part No. - SN8P2602B

ManufacturerPart #DatasheetDescription
logo
SONiX Technology Compan...
SN8P26042A SONIX-SN8P26042A Datasheet
739Kb / 101P
8-Bit Micro-Controller
SN8P2604A SONIX-SN8P2604A Datasheet
739Kb / 101P
8-Bit Micro-Controller
SN8P2604AKB SONIX-SN8P2604AKB Datasheet
739Kb / 101P
8-Bit Micro-Controller
SN8P2608 SONIX-SN8P2608 Datasheet
746Kb / 112P
8-Bit Micro-Controller
More results


Similar Description - SN8P2602B

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
MSU2955 MOSEL-MSU2955 Datasheet
71Kb / 1P
8-Bit Micro-controller
MSU2956 MOSEL-MSU2956 Datasheet
68Kb / 1P
8-Bit Micro-controller
MSU2957 MOSEL-MSU2957 Datasheet
70Kb / 1P
8-Bit Micro-controller
logo
Micon Design Technology...
MDT10P22 MDTIC-MDT10P22 Datasheet
118Kb / 17P
8-bit micro-controller
MDT10P05 MDTIC-MDT10P05 Datasheet
151Kb / 16P
8-bit micro-controller
logo
RAIO Technology Inc.
RA8900 RAIO-RA8900 Datasheet
158Kb / 9P
8-Bit Micro-Controller
RA8917 RAIO-RA8917 Datasheet
124Kb / 11P
8-Bit Micro-Controller
logo
Micon Design Technology...
MDT2030CF MDTIC-MDT2030CF Datasheet
225Kb / 14P
8-bit micro-controller
MDT10P7401 MDTIC-MDT10P7401 Datasheet
246Kb / 24P
8-bit micro-controller
MDT10P7212 MDTIC-MDT10P7212 Datasheet
100Kb / 14P
8-bit micro-controller
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com