Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN8P2608 Datasheet (PDF) - SONiX Technology Company

SN8P2608 Datasheet PDF - SONiX Technology Company
Part # SN8P2608
Download  SN8P2608 Download
File Size   746.85 Kbytes
Page   112 Pages
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company
Description 8-Bit Micro-Controller

SN8P2608 Datasheet (PDF)

Go To PDF Page Download Datasheet
SN8P2608 Datasheet PDF - SONiX Technology Company

Part # SN8P2608
Download  SN8P2608 Click to download

File Size   746.85 Kbytes
Page   112 Pages
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company
Description 8-Bit Micro-Controller

SN8P2608 Datasheet (HTML) - SONiX Technology Company


SN8P2608 Product details

PRODUCT OVERVIEW



FEATURES

♦ Memory configuration

   OTP ROM size: 6K * 16 bits.

   RAM size: 128 * 8 bits.

   Eight levels stack buffer

♦ I/O pin configuration

   Bi-directional: P0, P1, P2, P4, P5

   Input only: P4.7 shared with reset pin.

   Programmable open-drain: P1.0, P1.1

   Wakeup: P0, P1 level change trigger

   Pull-up resisters: P0, P1, P2, P4, P5

   External Interrupt trigger edge:

      P0.0 controlled by PEDGE register

      P0.1 is falling edge trigger only

♦ Powerful instructions

   One clocks per instruction cycle (1T)

   Most of instructions are one cycle only.

   All ROM area JMP instruction.

   All ROM area CALL address instruction.

   All ROM area lookup table function (MOVC)

♦ Four interrupt sources

   Two internal interrupts: T0, TC1.

   Two external interrupts: INT0, INT1.

♦ Two 8-bit Timer/Counter

   T0: Basic timer

   TC1: Auto-reload timer/Counter/PWM1/Buzzer output

♦ On chip watchdog timer and clock source is internal low clock RC type (16KHz @3V, 32KHz @5V).

♦ Dual system clocks

   External high clock: RC type up to 10 MHz

   External high clock: Crystal type up to 16 MHz

   Internal low clock: RC type 16KHz(3V), 32KHz(5V)

♦ Operating modes

   Normal mode: Both high and low clock active

   Slow mode: Low clock only

   Sleep mode: Both high and low clock stop

   Green mode: Periodical wakeup by T0 timer

♦ Package (Chip form support)

   P-DIP 40 pins

   SSOP 48 pins



 




Similar Part No. - SN8P2608

ManufacturerPart #DatasheetDescription
logo
SONiX Technology Compan...
SN8P2602B SONIX-SN8P2602B Datasheet
701Kb / 95P
8-Bit Micro-Controller
SN8P26042A SONIX-SN8P26042A Datasheet
739Kb / 101P
8-Bit Micro-Controller
SN8P2604A SONIX-SN8P2604A Datasheet
739Kb / 101P
8-Bit Micro-Controller
SN8P2604AKB SONIX-SN8P2604AKB Datasheet
739Kb / 101P
8-Bit Micro-Controller
More results


Similar Description - SN8P2608

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
MSU2955 MOSEL-MSU2955 Datasheet
71Kb / 1P
8-Bit Micro-controller
MSU2956 MOSEL-MSU2956 Datasheet
68Kb / 1P
8-Bit Micro-controller
MSU2957 MOSEL-MSU2957 Datasheet
70Kb / 1P
8-Bit Micro-controller
logo
Micon Design Technology...
MDT10P22 MDTIC-MDT10P22 Datasheet
118Kb / 17P
8-bit micro-controller
MDT10P05 MDTIC-MDT10P05 Datasheet
151Kb / 16P
8-bit micro-controller
logo
RAIO Technology Inc.
RA8900 RAIO-RA8900 Datasheet
158Kb / 9P
8-Bit Micro-Controller
RA8917 RAIO-RA8917 Datasheet
124Kb / 11P
8-Bit Micro-Controller
logo
Micon Design Technology...
MDT2030CF MDTIC-MDT2030CF Datasheet
225Kb / 14P
8-bit micro-controller
MDT10P7401 MDTIC-MDT10P7401 Datasheet
246Kb / 24P
8-bit micro-controller
MDT10P7212 MDTIC-MDT10P7212 Datasheet
100Kb / 14P
8-bit micro-controller
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com