Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC3303 Datasheet (PDF) - Toshiba Semiconductor

2SC3303 Datasheet PDF - Toshiba Semiconductor
Part # 2SC3303
Download  2SC3303 Download
File Size   197.01 Kbytes
Page   4 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description NPN EPITAXIAL TYPE (HIGH CURRENT SWITCING APPLICATIONS)

2SC3303 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SC3303 Datasheet PDF - Toshiba Semiconductor

Part # 2SC3303
Download  2SC3303 Click to download

File Size   197.01 Kbytes
Page   4 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description NPN EPITAXIAL TYPE (HIGH CURRENT SWITCING APPLICATIONS)

2SC3303 Datasheet (HTML) - Toshiba Semiconductor


2SC3303 Product details

High Current Switching Applications
DC-DC Converter Applications

•  Low collector saturation voltage: VCE (sat)= 0.4 V (max) (IC= 3 A)
•  High speed switching time: tstg= 1.0 µs (typ.)




Similar Part No. - 2SC3303

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC3303 TOSHIBA-2SC3303 Datasheet
187Kb / 5P
High Current Switching Applications DC-DC Converter Applications
2SC3303 TOSHIBA-2SC3303 Datasheet
173Kb / 5P
High Current Switching Applications
logo
Inchange Semiconductor ...
2SC3303 ISC-2SC3303 Datasheet
270Kb / 2P
isc Silicon NPN Power Transistor
logo
Jiangsu Changjiang Elec...
2SC3303 JIANGSU-2SC3303 Datasheet
289Kb / 3P
TO-251-3L Plastic-Encapsulate Transistors
logo
SeCoS Halbleitertechnol...
2SC3303 SECOS-2SC3303 Datasheet
83Kb / 1P
5A , 100V NPN Epitaxial Planar Silicon Transistor
More results


Similar Description - 2SC3303

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC3076 TOSHIBA-2SC3076 Datasheet
181Kb / 4P
TRANSISTOR (POWER AMPLIFIER, SWITCING APPLICATIONS)
2SC3709 TOSHIBA-2SC3709 Datasheet
213Kb / 4P
NPN EPITAXIAL TYPE (HIGH CURRENT SWITCHING APPLICATIONS)
2SC3710 TOSHIBA-2SC3710 Datasheet
213Kb / 4P
NPN EPITAXIAL TYPE (HIGH CURRENT SWITCHING APPLICATIONS)
2SC4881 TOSHIBA-2SC4881 Datasheet
161Kb / 2P
NPN EPITAXIAL TYPE (HIGH CURRENT SWITCHING APPLICATIONS)
2SC5076 TOSHIBA-2SC5076 Datasheet
188Kb / 4P
NPN EPITAXIAL TYPE (HIGH CURRENT SWITCHING APPLICATIONS)
2SC5175 TOSHIBA-2SC5175 Datasheet
143Kb / 2P
NPN EPITAXIAL TYPE (HIHG CURRENT SWITCHING APPLICATIONS)
2SC5176 TOSHIBA-2SC5176 Datasheet
223Kb / 4P
NPN EPITAXIAL TYPE (HIGH CURRENT SWITCHING, DC-DC CONVERTER APPLICATIONS)
2SD1947A TOSHIBA-2SD1947A Datasheet
221Kb / 4P
NPN EPITAXIAL TYPE (HIGH CURRENT SWITCHING, LAMP, SOLENOID DRIVE APPLICATIONS)
2SD2241 TOSHIBA-2SD2241 Datasheet
160Kb / 3P
NPN EPITAXIAL TYPE (SWITCHING APPLICATIONS)
2SD2526 TOSHIBA-2SD2526 Datasheet
204Kb / 4P
NPN TRIPLE DIFFUSED TYPE (HIGH POWER SWITCING, HAMMER DRIVE, PULSE MOTOR DRIVE APPLICATIONS)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com