Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5175 Datasheet (PDF) - Toshiba Semiconductor

2SC5175 Datasheet PDF - Toshiba Semiconductor
Part # 2SC5175
Download  2SC5175 Download
File Size   143.69 Kbytes
Page   2 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description NPN EPITAXIAL TYPE (HIHG CURRENT SWITCHING APPLICATIONS)

2SC5175 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SC5175 Datasheet PDF - Toshiba Semiconductor

Part # 2SC5175
Download  2SC5175 Click to download

File Size   143.69 Kbytes
Page   2 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description NPN EPITAXIAL TYPE (HIHG CURRENT SWITCHING APPLICATIONS)

2SC5175 Datasheet (HTML) - Toshiba Semiconductor


2SC5175 Product details

High-Current Switching Applications

• Low collector-emitter saturation voltage: VCE (sat) = 0.4 V (max)
          (IC = 2.5 A, IB = 125 mA)
• High-speed switching: tstg = 0.8 µs (typ.)

Collector-base voltage VCBO 60V
Collector-emitter voltage VCEO 50V
Emitter-base voltage VEBO 5V




Similar Part No. - 2SC5175

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC5175 TOSHIBA-2SC5175 Datasheet
129Kb / 4P
High-Current Switching Applications
2SC5175 TOSHIBA-2SC5175_04 Datasheet
129Kb / 4P
High-Current Switching Applications
More results


Similar Description - 2SC5175

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC3303 TOSHIBA-2SC3303 Datasheet
197Kb / 4P
NPN EPITAXIAL TYPE (HIGH CURRENT SWITCING APPLICATIONS)
2SC3328 TOSHIBA-2SC3328 Datasheet
199Kb / 4P
NPN EPITAXIAL TYPE (POWER AMPLIFIER, SWITCHING APPLICATIONS)
2SC3709 TOSHIBA-2SC3709 Datasheet
213Kb / 4P
NPN EPITAXIAL TYPE (HIGH CURRENT SWITCHING APPLICATIONS)
2SC3710 TOSHIBA-2SC3710 Datasheet
213Kb / 4P
NPN EPITAXIAL TYPE (HIGH CURRENT SWITCHING APPLICATIONS)
2SC4881 TOSHIBA-2SC4881 Datasheet
161Kb / 2P
NPN EPITAXIAL TYPE (HIGH CURRENT SWITCHING APPLICATIONS)
2SC5076 TOSHIBA-2SC5076 Datasheet
188Kb / 4P
NPN EPITAXIAL TYPE (HIGH CURRENT SWITCHING APPLICATIONS)
2SC5176 TOSHIBA-2SC5176 Datasheet
223Kb / 4P
NPN EPITAXIAL TYPE (HIGH CURRENT SWITCHING, DC-DC CONVERTER APPLICATIONS)
2SD1947A TOSHIBA-2SD1947A Datasheet
221Kb / 4P
NPN EPITAXIAL TYPE (HIGH CURRENT SWITCHING, LAMP, SOLENOID DRIVE APPLICATIONS)
2SD2241 TOSHIBA-2SD2241 Datasheet
160Kb / 3P
NPN EPITAXIAL TYPE (SWITCHING APPLICATIONS)
2SC3225 TOSHIBA-2SC3225_06 Datasheet
130Kb / 5P
Silicon NPN Epitaxial Type Switching Applications
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com