Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMB139 Datasheet (PDF) - Summit Microelectronics, Inc.

SMB139 Datasheet PDF - Summit Microelectronics, Inc.
Part # SMB139
Download  SMB139 Download
File Size   398.72 Kbytes
Page   27 Pages
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.
Description Programmable Linear Battery Charger in 1.3 x 2.1 uCSP

SMB139 Datasheet (PDF)

Go To PDF Page Download Datasheet
SMB139 Datasheet PDF - Summit Microelectronics, Inc.

Part # SMB139
Download  SMB139 Click to download

File Size   398.72 Kbytes
Page   27 Pages
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.
Description Programmable Linear Battery Charger in 1.3 x 2.1 uCSP

SMB139 Datasheet (HTML) - Summit Microelectronics, Inc.


SMB139 Product details

INTRODUCTION
The SMB139 is a programmable single-cell lithium-ion/lithium-polymer battery charger for a variety of portable applications. The device provides a simple way to charge low-capacity Li-Ion or Li-Polymer batteries via a USB port or an AC port. Unlike conventional devices, the SMB139’s very small package and high level of configurability simplify design in a wide range of handheld equipment.

FEATURES & APPLICATIONS
• World’s smallest linear charger
• Linear charging for reduced board space
    o Up to 210mA charge current *
    o Stable with small ceramic capacitors
• 4.35 to 6.5V input voltage range
• Small 1.3 x 2.1 uCSPTM package (0.4mm pitch)
• High-accuracy output voltage regulation: 1%
• Low reverse leakage current
• Digital programming of all major parameters via I2C interface and lockable non-volatile memory
    o Battery voltage set point
    o Pre-charge, fast charge, termination current
    o Fast charge voltage threshold
    o Temperature limits
    o Charge safety timers
    o Automatic restart threshold
• Fault/Status indicator
• Wide range of protection features
    o Thermal regulation
    o Input/output over-voltage lockout

Applications
• Bluetooth & Stereo Headsets
• Noise Cancellation Headphones
• MP3 Players
• Wrist PDA/Watches
• Toys
• Handheld Equipment




Similar Part No. - SMB139

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
SMB13 LITEON-SMB13 Datasheet
37Kb / 4P
SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
logo
MIC GROUP RECTIFIERS
SMB13 MIC-SMB13 Datasheet
74Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Shenzhen Luguang Electr...
SMB13 LUGUANG-SMB13 Datasheet
164Kb / 4P
600Watts Surface Mount Transient Voltage Suppressor
logo
Lite-On Technology Corp...
SMB130 LITEON-SMB130 Datasheet
37Kb / 4P
SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
logo
MIC GROUP RECTIFIERS
SMB130 MIC-SMB130 Datasheet
74Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results


Similar Description - SMB139

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1734L LINER-LTC1734L Datasheet
184Kb / 12P
Lithium-Ion Linear Battery Charger in ThinSOT
LTC4068-4.2 LINER-LTC4068-4.2 Datasheet
143Kb / 12P
Standalone Linear Li-Ion Battery Charger with Programmable Termination
logo
Summit Microelectronics...
SMB239 SUMMIT-SMB239 Datasheet
476Kb / 30P
Programmable Linear Battery Charger in 1.3 x 2.1 uCSP
logo
Linear Technology
LTC1734 LINER-LTC1734 Datasheet
188Kb / 12P
Lithium-Ion Linear Battery Charger in ThinSOT
logo
Analog Devices
ADP5061 AD-ADP5061 Datasheet
658Kb / 44P
Tiny I2C Programmable Linear Battery Charger
REV. 0
logo
Maxim Integrated Produc...
MAX8856 MAXIM-MAX8856 Datasheet
156Kb / 13P
Linear Battery Charger
Rev 0; 9/08
logo
Linear Technology
LTC1734 LINER-LTC1734_15 Datasheet
193Kb / 12P
Lithium-Ion Linear Battery Charger in ThinSOT
LTC1734L LINER-LTC1734L_15 Datasheet
194Kb / 12P
Lithium-Ion Linear Battery Charger in ThinSOT
LTC4068X-4.2 LINER-LTC4068X-4.2_15 Datasheet
149Kb / 12P
Standalone Linear Li-Ion Battery Charger with Programmable Termination
logo
Feeling Technology Corp...
FP8103 FEELING-FP8103 Datasheet
664Kb / 19P
1A Linear Li-Ion Battery Charger in SOP8
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com