Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5061 Datasheet (PDF) - Analog Devices

ADP5061 Datasheet PDF - Analog Devices
Part # ADP5061
Download  ADP5061 Download
File Size   658.0 Kbytes
Page   44 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Tiny I2C Programmable Linear Battery Charger

ADP5061 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADP5061 Datasheet PDF - Analog Devices

Part # ADP5061
Download  ADP5061 Click to download

File Size   658.0 Kbytes
Page   44 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Tiny I2C Programmable Linear Battery Charger

ADP5061 Datasheet (HTML) - Analog Devices


ADP5061 Product details

GENERAL DESCRIPTION
The ADP5061 charger is fully compliant with USB 3.0 and the USB Battery Charging Specification 1.2 and enables charging via the mini USB VBUS pin from a wall charger, car charger, or USB host port.
The ADP5061 operates from a 4 V to 6.7 V input voltage range but is tolerant of voltages up to 20 V. The 20 V voltage tolerance alleviates the concerns about the USB bus spiking during disconnect or connect scenarios.
The ADP5061 features an internal FET between the linear charger output and the battery. This permits battery isolation and, hence, system powering under a dead battery or no battery scenario, which allows for immediate system function on connection to a USB power supply.

FEATURES
   2.6 mm × 2 mm WLCSP package
   Fully programmable via I2C
   Flexible digital control inputs
   Up to 2.1 A current from an ac charger in LDO mode
   Operating input voltage from 4.0 V to 6.7 V
   Tolerant input voltage from −0.5 V to +20 V (USB VBUS)
   Fully compatible with USB 3.0 and USB Battery Charging
      Specification 1.2
   Built-in current sensing and limiting
   As low as 30 mΩ battery isolation FET between battery and
      charger output
   Thermal regulation prevents over heating
   Compliant with JEITA 1 and JEITA 2 Li-Ion battery charging
      temperature specifications
   SYS_EN flag permits the system to be disabled until battery is at
      minimum required level for guaranteed system start-up

APPLICATIONS
   Digital still cameras
   Digital video cameras
   Single cell Li-Ion portable equipment
   PDAs, audio, and GPS devices
   Portable medical devices
   Mobile phones




Similar Part No. - ADP5061

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP5062 AD-ADP5062 Datasheet
879Kb / 44P
Linear Li-Ion Battery Charger with Power Path and USB Compatibility in LFCSP
10/13-Rev. A to Rev. B
ADP5062ACPZ-1-R7 AD-ADP5062ACPZ-1-R7 Datasheet
879Kb / 44P
Linear Li-Ion Battery Charger with Power Path and USB Compatibility in LFCSP
10/13-Rev. A to Rev. B
ADP5062ACPZ-2-R7 AD-ADP5062ACPZ-2-R7 Datasheet
879Kb / 44P
Linear Li-Ion Battery Charger with Power Path and USB Compatibility in LFCSP
10/13-Rev. A to Rev. B
ADP5062CP-EVALZ AD-ADP5062CP-EVALZ Datasheet
879Kb / 44P
Linear Li-Ion Battery Charger with Power Path and USB Compatibility in LFCSP
10/13-Rev. A to Rev. B
ADP5063 AD-ADP5063 Datasheet
830Kb / 44P
Linear LiFePO4 Battery Charger with Power Path and USB Compatibility in LFCSP
REV. 0
More results


Similar Description - ADP5061

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4068-4.2 LINER-LTC4068-4.2 Datasheet
143Kb / 12P
Standalone Linear Li-Ion Battery Charger with Programmable Termination
logo
Summit Microelectronics...
SMB139 SUMMIT-SMB139 Datasheet
398Kb / 27P
Programmable Linear Battery Charger in 1.3 x 2.1 uCSP
SMB239 SUMMIT-SMB239 Datasheet
476Kb / 30P
Programmable Linear Battery Charger in 1.3 x 2.1 uCSP
logo
Maxim Integrated Produc...
MAX8856 MAXIM-MAX8856 Datasheet
156Kb / 13P
Linear Battery Charger
Rev 0; 9/08
logo
Linear Technology
LTC4068X-4.2 LINER-LTC4068X-4.2_15 Datasheet
149Kb / 12P
Standalone Linear Li-Ion Battery Charger with Programmable Termination
logo
Seaward Electronics Inc...
SE9014 SEAWARD-SE9014 Datasheet
514Kb / 11P
Standalon Linear Lithum Battery Charger
logo
E-CMOS Corporation
EXT9502 E-CMOS-EXT9502 Datasheet
1Mb / 6P
Linear Li-Ion Battery Charger
logo
Shenzhenshi YONGFUKANG ...
TP4055 YONGFUKANG-TP4055 Datasheet
277Kb / 12P
Linear Li-Ion Battery Charger
logo
Dongguan Pingjingsemi T...
PJ4057 PJSEMI-PJ4057 Datasheet
3Mb / 5P
Linear Lithium-ion Battery Charger
logo
Shenzhen Huazhimei Semi...
HM4055D HMSEMI-HM4055D Datasheet
1Mb / 16P
800mA Lithium Battery Linear Charger
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com