Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5063 Datasheet (PDF) - Analog Devices

ADP5063 Datasheet PDF - Analog Devices
Part # ADP5063
Download  ADP5063 Download
File Size   830.52 Kbytes
Page   44 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Linear LiFePO4 Battery Charger with Power Path and USB Compatibility in LFCSP

ADP5063 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADP5063 Datasheet PDF - Analog Devices

Part # ADP5063
Download  ADP5063 Click to download

File Size   830.52 Kbytes
Page   44 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Linear LiFePO4 Battery Charger with Power Path and USB Compatibility in LFCSP

ADP5063 Datasheet (HTML) - Analog Devices


ADP5063 Product details

GENERAL DESCRIPTION
The ADP5063 charger is fully compliant with USB 3.0 and the USB Battery Charging 1.2 Compliance Plan Specification, and enables charging via the mini USB VBUS pin from a wall charger, car charger, or USB host port.
The ADP5063 operates from a 4 V to 6.7 V input voltage range but is tolerant of voltages up to 20 V, thereby alleviating concerns about USB bus spikes during disconnection or connection scenarios.

FEATURES
   Default charging termination voltage at 3.6 V
   Fully compatible with USB 3.0 and USB Battery Charging 1.2
      Compliance Plan Specification
   Operating input voltage from 4 V to 6.7 V
   Tolerant input voltage from −0.5 V to +20 V (USB VBUS)
   Fully programmable via I2C
   Flexible digital control inputs
   Up to 2.1 A current from an ac charger in LDO mode
   Built-in current sensing and limiting
   As low as 55 mΩ battery isolation FET between battery and
      charger output
   Thermal regulation prevents overheating
   Compliant with JEITA1 and JEITA2 Li-Ion battery charging
      temperature specifications
   SYS_EN flag permits the system to be disabled until battery is at
      the minimum required level for guaranteed system start-up
   4 mm × 4 mm LFCSP package

APPLICATIONS
   Single cell lithium iron phosphate (LiFePO4) portable
      equipment
   Portable medical devices
   Portable instrumentation devices
   Portable consumer devices




Similar Part No. - ADP5063

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP5061 AD-ADP5061 Datasheet
658Kb / 44P
Tiny I2C Programmable Linear Battery Charger
REV. 0
ADP5062 AD-ADP5062 Datasheet
879Kb / 44P
Linear Li-Ion Battery Charger with Power Path and USB Compatibility in LFCSP
10/13-Rev. A to Rev. B
ADP5062ACPZ-1-R7 AD-ADP5062ACPZ-1-R7 Datasheet
879Kb / 44P
Linear Li-Ion Battery Charger with Power Path and USB Compatibility in LFCSP
10/13-Rev. A to Rev. B
ADP5062ACPZ-2-R7 AD-ADP5062ACPZ-2-R7 Datasheet
879Kb / 44P
Linear Li-Ion Battery Charger with Power Path and USB Compatibility in LFCSP
10/13-Rev. A to Rev. B
ADP5062CP-EVALZ AD-ADP5062CP-EVALZ Datasheet
879Kb / 44P
Linear Li-Ion Battery Charger with Power Path and USB Compatibility in LFCSP
10/13-Rev. A to Rev. B
More results


Similar Description - ADP5063

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24230 TI-BQ24230 Datasheet
1Mb / 33P
USB-FRIENDLY LITHIUM-ION BATTERY CHARGER AND POWER-PATH MANAGEMENT IC
logo
Richtek Technology Corp...
RT9525 RICHTEK-RT9525 Datasheet
431Kb / 15P
Linear Single Cell Li-Ion Battery Charger with Auto Power Path
logo
Texas Instruments
BQ24232H TI1-BQ24232H Datasheet
1Mb / 37P
USB-Friendly Lithium-Ion Battery Charger and Power-Path Management IC
BQ24230H TI1-BQ24230H_14 Datasheet
1Mb / 38P
USB-Friendly Lithium-Ion Battery Charger and Power-Path Management IC
logo
Linear Technology
LTC4156 LINER-LTC4156_15 Datasheet
491Kb / 52P
Dual-Input Power Manager/ 3.5A LiFePO4 Battery Charger with I2C Control and USB OTG
LTC4156EUFD LINER-LTC4156EUFD Datasheet
508Kb / 8P
Dual Input Power Manager/3.5A LiFePO4 Battery Charger with I2C Control and USB OTG
logo
Shanghai Consonance Ele...
CN3058E CONSONANCE-CN3058E Datasheet
273Kb / 11P
1A LiFePO4 Battery Charger
logo
Analog Devices
ADP5062 AD-ADP5062 Datasheet
879Kb / 44P
Linear Li-Ion Battery Charger with Power Path and USB Compatibility in LFCSP
10/13-Rev. A to Rev. B
ADP5065 AD-ADP5065 Datasheet
964Kb / 40P
Fast Charge Battery Manager with Power Path and USB Compatibility
2/13-Rev. C to Rev. D
logo
Shanghai Consonance Ele...
CN3058 CONSONANCE-CN3058 Datasheet
253Kb / 11P
500mA LiFePO4 Battery Charger
REV 1.1
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com