Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMS24 Datasheet (PDF) - Summit Microelectronics, Inc.

SMS24 Datasheet PDF - Summit Microelectronics, Inc.
Part # SMS24
Download  SMS24 Download
File Size   449.02 Kbytes
Page   18 Pages
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.
Description Highly Programmble Voltage Supervisory Circuit

SMS24 Datasheet (PDF)

Go To PDF Page Download Datasheet
SMS24 Datasheet PDF - Summit Microelectronics, Inc.

Part # SMS24
Download  SMS24 Click to download

File Size   449.02 Kbytes
Page   18 Pages
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.
Description Highly Programmble Voltage Supervisory Circuit

SMS24 Datasheet (HTML) - Summit Microelectronics, Inc.


SMS24 Product details

INTRODUCTION
The SMS24 is a configurable and in-system programmable second generation 8 pin supervisory circuit. This single device is adaptable to provide the optimum functionality for a given system or sub-system. User programmable functions available — reset pulse width, watchdog delays, and voltage monitor thresholds — eliminate external components and allow standardization to enhance system reliability. Additionally, 4K bits of general purpose EEPROM is available on all configurations. The SMS24 is available in six pin configurations, and is compatible with all Summit programmable devices and other I2C components.

FEATURES
● User Programmable Device Configuration
● Guaranteed Reset Valid to VCC = 1V
● Immune to Short Negative VCC Transients
● Six Unique Pin Configurations
● User Programmable Feature Options:
    ♦ Reset Threshold Voltages
    ♦ Reset Pulse Widths
    ♦ Programmable Watchdog Timeouts
    ♦ Programmable Over- or Under-Voltage Sensing
● High Reliability
    ♦ Endurance: 100,000 erase/write cycles
    ♦ Data retention: 100 years




Similar Part No. - SMS24

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SMS24 SEMTECH-SMS24 Datasheet
161Kb / 7P
TVS Diode Array For ESD and Latch-Up Protection???
logo
Microsemi Corporation
SMS24 MICROSEMI-SMS24 Datasheet
227Kb / 2P
4 LINE UNIDIRECTIONAL TVSarray
logo
Semtech Corporation
SMS24 SEMTECH-SMS24 Datasheet
159Kb / 7P
TVS Diode Array For ESD and Latch-Up Protection
logo
Protek Devices
SMS24 PROTEC-SMS24 Datasheet
707Kb / 8P
MULTI-LINE TVS ARRAY
SMS24 PROTEC-SMS24 Datasheet
710Kb / 8P
MULTI-LINE TVS ARRAY
More results


Similar Description - SMS24

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC34160 ONSEMI-MC34160 Datasheet
188Kb / 8P
MICROPROCESSOR VOLTAGE REGULATOR/ SUPERVISORY CIRCUIT
1996 REV 1
logo
Microsemi Corporation
SG1544 MICROSEMI-SG1544 Datasheet
41Kb / 4P
LOW-VOLTAGE SUPERVISORY CIRCUIT
logo
Summit Microelectronics...
SMS44 SUMMIT-SMS44 Datasheet
408Kb / 16P
Highly Programmble Voltage Supervisory Circuit
logo
ams AG
AS1923 AMSCO-AS1923 Datasheet
76Kb / 2P
Quad-Voltage Microprocessor Supervisory Circuit
logo
Microsemi Corporation
SG1544 MICROSEMI-SG1544_1 Datasheet
149Kb / 4P
LOW-VOLTAGE SUPERVISORY CIRCUIT
logo
Analog Devices
ADM6339AARJZ-RL7 AD-ADM6339AARJZ-RL7 Datasheet
203Kb / 12P
Quad Voltage Microprocessor Supervisory Circuit
REV. A
logo
ams AG
AS1923 AMSCO-AS1923_04 Datasheet
864Kb / 17P
Quad-Voltage Microprocessor Supervisory Circuit
logo
Pericom Semiconductor C...
PT7M7436 PERICOM-PT7M7436 Datasheet
358Kb / 6P
Supervisory Circuit
PT7M6315US PERICOM-PT7M6315US Datasheet
430Kb / 6P
Supervisory Circuit
logo
Analog Devices
ADM6339 AD-ADM6339 Datasheet
203Kb / 12P
Quad Voltage Microprocessor Supervisory Circuit
10/10-Rev. 0 to Rev. A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com