Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMS24 Datasheet(PDF) 3 Page - Summit Microelectronics, Inc.

Part # SMS24
Description  Highly Programmble Voltage Supervisory Circuit
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMS24 Datasheet(HTML) 3 Page - Summit Microelectronics, Inc.

  SMS24 Datasheet HTML 1Page - Summit Microelectronics, Inc. SMS24 Datasheet HTML 2Page - Summit Microelectronics, Inc. SMS24 Datasheet HTML 3Page - Summit Microelectronics, Inc. SMS24 Datasheet HTML 4Page - Summit Microelectronics, Inc. SMS24 Datasheet HTML 5Page - Summit Microelectronics, Inc. SMS24 Datasheet HTML 6Page - Summit Microelectronics, Inc. SMS24 Datasheet HTML 7Page - Summit Microelectronics, Inc. SMS24 Datasheet HTML 8Page - Summit Microelectronics, Inc. SMS24 Datasheet HTML 9Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
3
2048 2.4. 3/1/01
SMS24
SUMMIT MICROELECTRONICS, Inc.
Block Diagram Device Code 100
Block Diagram Device Code 011
+
–
GND
VCC
8
4
RESET#
2
VTRIP
RESET
CONTROL
RESET
7
1.25V
SCL
6
SDA
5
2046 BD011 1.0
WRITE
CONTROL
NONVOLATILE
MEMORY
ARRAY
PROGRAMMABLE
RESET PULSE
GENERATOR
WDI
1
PROGRAMMABLE
WATCHDOG
TIMER
+
–
GND
VCC
8
4
RESET#1
2
VTRIP
RESET
CONTROL
MR#
1.25V
SCL
6
SDA
5
2046 BD100 1.1
WRITE
CONTROL
NONVOLATILE
MEMORY
ARRAY
PROGRAMMABLE
RESET PULSE
GENERATOR
VSENSE 3
1
+
–
RESET#2
7
PROGRAMMABLE
WATCHDOG
TIMER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com