Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMS24 Datasheet(PDF) 13 Page - Summit Microelectronics, Inc.

Part # SMS24
Description  Highly Programmble Voltage Supervisory Circuit
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMS24 Datasheet(HTML) 13 Page - Summit Microelectronics, Inc.

Back Button SMS24 Datasheet HTML 9Page - Summit Microelectronics, Inc. SMS24 Datasheet HTML 10Page - Summit Microelectronics, Inc. SMS24 Datasheet HTML 11Page - Summit Microelectronics, Inc. SMS24 Datasheet HTML 12Page - Summit Microelectronics, Inc. SMS24 Datasheet HTML 13Page - Summit Microelectronics, Inc. SMS24 Datasheet HTML 14Page - Summit Microelectronics, Inc. SMS24 Datasheet HTML 15Page - Summit Microelectronics, Inc. SMS24 Datasheet HTML 16Page - Summit Microelectronics, Inc. SMS24 Datasheet HTML 17Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
13
2048 2.4. 3/1/01
SMS24
SUMMIT MICROELECTRONICS, Inc.
+
–
GND
VCC
8
4
RESET#
2
VTRIP
RESET
CONTROL
WDI
7
1.25V
SCL
6
SDA
5
2046 Fig04 2.0
WRITE
CONTROL
NONVOLATILE
MEMORY
ARRAY
PROGRAMMABLE
RESET PULSE
GENERATOR
VSENSE 3
VLOW#
1
PROGRAMMABLE
WATCHDOG
TIMER
+
–
OV
UV
Programmable
Threshold
4.63V
4.37V
2.90V
2.65V
2.15V
Programmable
Device Type
Identifier
1010
1011
Programmable
Reset Pulse
25ms
50ms
100ms
200ms
Programmable
Watchdog Timer
Off
0.4s
0.8s
1.6s
3.2s
Programmable
VLOW Trigger
Overvoltage
Undervoltage
Figure 4. Programmable Options for Device Code 110
Figure 5. Configuration Screen
Figure 6. Memory Test Screen



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com