Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRF1000MB Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

MRF1000MB Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # MRF1000MB
Download  MRF1000MB Download
File Size   170.22 Kbytes
Page   4 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Class A, Class AB Microwave Power Silicon NPN Transistor 0.7 W, 960-1215 MHz, 18V

MRF1000MB Datasheet (PDF)

Go To PDF Page Download Datasheet
MRF1000MB Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # MRF1000MB
Download  MRF1000MB Click to download

File Size   170.22 Kbytes
Page   4 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Class A, Class AB Microwave Power Silicon NPN Transistor 0.7 W, 960-1215 MHz, 18V

MRF1000MB Datasheet (HTML) - M/A-COM Technology Solutions, Inc.


MRF1000MB Product details

Description and Applications
Designed for Class A and AB common emitter amplifier applications in the low–power stages of IFF, DME, TACAN, radar transmitters, and CW systems.

Features
• Guaranteed performance @ 1090 MHz, 18 Vdc — Class A
• Output power: 0.2W
• Minimum gain: 10dB
• 100% tested for load mismatch at all phase angles with 10:1 VSWR
• Industry standard package
• Nitride passivated
• Gold metallized, emitter ballasted for long life and resistance to metal migration
• Internal input matching for broadband operation




Similar Part No. - MRF1000MB

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MRF1000MB MACOM-MRF1000MB Datasheet
104Kb / 4P
MICROWAVE POWER TRANSISTORS NPN SILICON
logo
Advanced Semiconductor
MRF1000MB ASI-MRF1000MB Datasheet
16Kb / 1P
NPN SILICON RF POWER TRANSISTOR
logo
M/A-COM Technology Solu...
MRF1000MB MA-COM-MRF1000MB Datasheet
170Kb / 4P
Class A, Class AB Microwave Power Silicon NPN Transistor
MRF1000MB MA-COM-MRF1000MB Datasheet
170Kb / 4P
Class A, Class AB Microwave Power Silicon NPN Transistor
MRF1000MB MA-COM-MRF1000MB_15 Datasheet
170Kb / 4P
Class A, Class AB Microwave Power Silicon NPN Transistor
More results


Similar Description - MRF1000MB

ManufacturerPart #DatasheetDescription
logo
SIRENZA MICRODEVICES
XD010-14S-D4F SIRENZA-XD010-14S-D4F Datasheet
210Kb / 5P
925-960 MHz Class A/AB 15W Power Amplifier Module
SDM-09060-B1F SIRENZA-SDM-09060-B1F Datasheet
226Kb / 5P
925-960 MHz Class AB 65W Power Amplifier Module
SDM-09120 SIRENZA-SDM-09120 Datasheet
200Kb / 5P
925-960 MHz Class AB 130W Power Amplifier Module
SDM-09060-B1F SIRENZA-SDM-09060-B1F_1 Datasheet
117Kb / 5P
925-960 MHz Class AB 65W Power Amplifier Module
SDM-09120 SIRENZA-SDM-09120_1 Datasheet
91Kb / 5P
925-960 MHz Class AB 130W Power Amplifier Module
SDM-09120-1Y SIRENZA-SDM-09120-1Y Datasheet
94Kb / 5P
915-960 MHz Class AB 130W Power Amplifier
logo
M/A-COM Technology Solu...
MRF10005 MA-COM-MRF10005 Datasheet
198Kb / 5P
Microwave Power Silicon Bipolar Transistor 5.0 W, 960-1215 MHz, 28V
MRF1000MB MA-COM-MRF1000MB Datasheet
170Kb / 4P
Class A, Class AB Microwave Power Silicon NPN Transistor
MRF1000MB MA-COM-MRF1000MB_15 Datasheet
170Kb / 4P
Class A, Class AB Microwave Power Silicon NPN Transistor
MRF1000MB MA-COM-MRF1000MB_17 Datasheet
609Kb / 5P
Class A, Class AB Microwave Power Silicon NPN Transistor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com