Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRF10005 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

MRF10005 Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # MRF10005
Download  MRF10005 Download
File Size   198.78 Kbytes
Page   5 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Microwave Power Silicon Bipolar Transistor 5.0 W, 960-1215 MHz, 28V

MRF10005 Datasheet (PDF)

Go To PDF Page Download Datasheet
MRF10005 Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # MRF10005
Download  MRF10005 Click to download

File Size   198.78 Kbytes
Page   5 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Microwave Power Silicon Bipolar Transistor 5.0 W, 960-1215 MHz, 28V

MRF10005 Datasheet (HTML) - M/A-COM Technology Solutions, Inc.


MRF10005 Product details

Description and Applications
Designed for CW and long-pulsed common base amplifier applications, such as JTIDS and Mode S, in the 0.96 to 1.215 GHz frequency range with high overall duty cycles.

Features
• Guaranteed performance @1.215GHz, 28Vdc
• Output power: 5.0W CW
• Minimum gain = 8.5dB, 10.3dB (Typ.)
• RF performance curves for 28 Vdc and 36 Vdc operation
• 100% tested for load mismatch at all phase angles with 10:1 VSWR
• Hermetically sealed industry standard package
• Silicon nitride passivated
• Gold metallized, emitter ballasted for long life and resistance to metal migration
• Internal input matching for broadband operation




Similar Part No. - MRF10005

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF10005 MOTOROLA-MRF10005 Datasheet
100Kb / 4P
MICROWAVE POWER TRANSISTOR
logo
Tyco Electronics
MRF10005 MACOM-MRF10005 Datasheet
160Kb / 4P
The RF Line Microwave Power Transistor
logo
M/A-COM Technology Solu...
MRF10005 MA-COM-MRF10005 Datasheet
198Kb / 5P
Microwave Power Silicon Bipolar Transistor
MRF10005 MA-COM-MRF10005_15 Datasheet
198Kb / 5P
Microwave Power Silicon Bipolar Transistor
MRF10005 MA-COM-MRF10005_17 Datasheet
603Kb / 6P
Microwave Power Silicon Bipolar Transistor
More results


Similar Description - MRF10005

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
PH081O-35 MACOM-PH081O-35 Datasheet
206Kb / 3P
Wireless Bipolar Power Transistor, 35W 850 - 960 MHz
logo
List of Unclassifed Man...
JTDA50-2 ETC1-JTDA50-2 Datasheet
128Kb / 2P
50 Watts, 36 Volts, 960 - 1215 MHz
logo
M/A-COM Technology Solu...
MRF1000MB MA-COM-MRF1000MB Datasheet
170Kb / 4P
Class A, Class AB Microwave Power Silicon NPN Transistor 0.7 W, 960-1215 MHz, 18V
MRF10005 MA-COM-MRF10005 Datasheet
198Kb / 5P
Microwave Power Silicon Bipolar Transistor
MRF10005 MA-COM-MRF10005_15 Datasheet
198Kb / 5P
Microwave Power Silicon Bipolar Transistor
MAMG-000912-090PSM MA-COM-MAMG-000912-090PSM Datasheet
1Mb / 6P
960-1215 MHz 90 W 2-Stage GaN Module
logo
Infineon Technologies A...
PTVA104501EH INFINEON-PTVA104501EH_16 Datasheet
1Mb / 9P
Thermally-Enhanced High Power RF LDMOS FET 450 W, 50 V, 960 ??1215 MHz
Rev. 02.1, 2016-04-19
logo
M/A-COM Technology Solu...
MRF10005 MA-COM-MRF10005_17 Datasheet
603Kb / 6P
Microwave Power Silicon Bipolar Transistor
logo
Cree, Inc
PTVA104501EH CREE-PTVA104501EH Datasheet
430Kb / 10P
Thermally-Enhanced High Power RF LDMOS FET 450 W, 50 V, 960 ??1215 MHz
logo
STMicroelectronics
RF5L0912750CB4 STMICROELECTRONICS-RF5L0912750CB4 Datasheet
1Mb / 13P
750 W, 50 V, 960 to 1215 MHz RF power LDMOS transistor
22-Sep-2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com