Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC3420 Datasheet (PDF) - Toshiba Semiconductor

2SC3420 Datasheet PDF - Toshiba Semiconductor
Part # 2SC3420
Download  2SC3420 Download
File Size   152.87 Kbytes
Page   2 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description NPN EPITAXIAL TYPE (STOROBO FLASH, MEDIUM POWER AMPLIFIER APPLICATIONS)

2SC3420 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SC3420 Datasheet PDF - Toshiba Semiconductor

Part # 2SC3420
Download  2SC3420 Click to download

File Size   152.87 Kbytes
Page   2 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description NPN EPITAXIAL TYPE (STOROBO FLASH, MEDIUM POWER AMPLIFIER APPLICATIONS)

2SC3420 Datasheet (HTML) - Toshiba Semiconductor


2SC3420 Product details

Strobe Flash Applications

Audio Power Amplifier Applications





•  High DC current gain : hFE= 140 to 600 (VCE= 2 V, IC= 0.5 A)

                               : hFE= 70 (min) (VCE= 2 V, IC= 4 A)

•  Low saturation voltage: VCE (sat)= 1.0 V (max) (IC= 4 A, IB= 0.1 A)

•  High collector power dissipation: PC= 10 W (Tc = 25°C),

                                                PC= 1.5 W (Ta = 25°C)




Similar Part No. - 2SC3420

ManufacturerPart #DatasheetDescription
logo
TRANSYS Electronics Lim...
2SC3420 TEL-2SC3420 Datasheet
56Kb / 1P
Plastic-Encapsulated Transistors
logo
Toshiba Semiconductor
2SC3420 TOSHIBA-2SC3420 Datasheet
124Kb / 4P
Silicon NPN Epitaxial Type (PCT Process) Strobe Flash Applications
logo
Savantic, Inc.
2SC3420 SAVANTIC-2SC3420 Datasheet
142Kb / 4P
Silicon NPN Power Transistors
logo
Quanzhou Jinmei Electro...
2SC3420 JMNIC-2SC3420 Datasheet
201Kb / 4P
Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
2SC3420 ISC-2SC3420 Datasheet
174Kb / 4P
Silicon NPN Power Transistors
More results


Similar Description - 2SC3420

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC2982 TOSHIBA-2SC2982 Datasheet
172Kb / 3P
TRANSISTOR (STOROBO FLASH, MEDIUM POWER AMPLIFIER APPLICATIONS)
2SC3279 TOSHIBA-2SC3279 Datasheet
163Kb / 3P
NPN EPITAXIAL TYPE (STOROBO FLASH, MEDIUM POWER AMPLIFIER APPLICATIONS)
2SC3670 TOSHIBA-2SC3670 Datasheet
156Kb / 2P
NPN EPITAXIAL TYPE (STOROBO FLASH, MEDIUM OWER AMPLIFIER APPLICATIONS)
2SC4681 TOSHIBA-2SC4681 Datasheet
86Kb / 1P
NPN EPITAXIAL TYPE (STROBE FLASH APPLICATIONS MEDIUM POWER AMPLIFIER APPLICATIONS)
2SC4684 TOSHIBA-2SC4684 Datasheet
151Kb / 2P
NPN EPITAXIAL TYPE (STROBE FLASH, MEDIUM POWER AMPLIFIER APPLICATIONS)
2SC4685 TOSHIBA-2SC4685 Datasheet
159Kb / 2P
NPN EPITAXIAL TYPE (STROBE FLASH, MEDIUM POWER AMPLIFIER APPLICATIONS)
2SC4781 TOSHIBA-2SC4781 Datasheet
92Kb / 1P
NPN EPITAXIAL TYPE (STOROBO FLASH, MEDIUM POWER AMPLIFIER APPLICATIONS)
SC3279 TOSHIBA-SC3279 Datasheet
150Kb / 2P
NPN EPITAXIAL TYPE (STOROBO FLASH, MEDIUM POWER AMPLIFIER APPLICATIONS)
2SC5765 TOSHIBA-2SC5765 Datasheet
106Kb / 4P
MEDIUM POWER AMPLIFIER APPLICATIONS STOROBO FLASH APPLICATIONS
2SC2982 TOSHIBA-2SC2982_04 Datasheet
150Kb / 4P
Storobo Flash Applications Medium Power Amplifier Applications
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com