Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAPDCC0005 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

MAPDCC0005 Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # MAPDCC0005
Download  MAPDCC0005 Download
File Size   81.55 Kbytes
Page   4 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Low Cost Three Way Power Splitter/Combiner 824 - 960 MHz

MAPDCC0005 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAPDCC0005 Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # MAPDCC0005
Download  MAPDCC0005 Click to download

File Size   81.55 Kbytes
Page   4 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Low Cost Three Way Power Splitter/Combiner 824 - 960 MHz

MAPDCC0005 Datasheet (HTML) - M/A-COM Technology Solutions, Inc.


MAPDCC0005 Product details

Description
M/A-COM’s MAPDCC0005 is an IC-based monolithic power divider in a low cost SOIC-8 plastic package. This 3-way power divider is ideally suited for applications where small size, low profile, and low cost without sacrificing Performance, are required. Typical applications include Base Stations, portables and PCMCIA cards for cellular applications. Available in Tape and Reel.

Features
• Small Size and Low Profile
• Excellent Insertion Loss 0.6 dB Typical
• Superior Repeatability
• Low Cost
• CSM, AMPS, CDPD, ARDIS, RAM Frequency Coverage
• Lead-Free SOIC-8 Package
• 100% Matte Tin Plating over Copper
• Halogen-Free “Green” Mold Compound
• 260°C Reflow Compatible
• RoHS* Compliant Version of DS53-0001




Similar Part No. - MAPDCC0005

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAPDCC0005 MACOM-MAPDCC0005 Datasheet
649Kb / 4P
Low Cost Three Way Power Splitter/Combiner
logo
M/A-COM Technology Solu...
MAPDCC0005 MA-COM-MAPDCC0005 Datasheet
81Kb / 4P
Low Cost Three Way Power Splitter/Combiner
MAPDCC0005 MA-COM-MAPDCC0005 Datasheet
558Kb / 5P
Low Cost Three Way Power Splitter/Combiner
logo
Tyco Electronics
MAPDCC0005-TB MACOM-MAPDCC0005-TB Datasheet
649Kb / 4P
Low Cost Three Way Power Splitter/Combiner
logo
M/A-COM Technology Solu...
MAPDCC0005-TB MA-COM-MAPDCC0005-TB Datasheet
558Kb / 5P
Low Cost Three Way Power Splitter/Combiner
More results


Similar Description - MAPDCC0005

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
DS53-0001 MACOM-DS53-0001 Datasheet
110Kb / 2P
Low Cost Three Way Power Splitter/Combiner 824 - 960 MHz
DS54-0001 MACOM-DS54-0001 Datasheet
37Kb / 2P
Low Cost Four-Way SMT Power Splitter/Combiner, 824-960 MHz
logo
Tachyonics CO,. LTD
MAPDCC0007 TACHYONICS-MAPDCC0007 Datasheet
439Kb / 3P
Low Cost Four-way SMT Power Splitter/Combiner, 824 - 960 MHz
logo
Tyco Electronics
MAPDCC0005 MACOM-MAPDCC0005 Datasheet
649Kb / 4P
Low Cost Three Way Power Splitter/Combiner
logo
M/A-COM Technology Solu...
DS53-0001 MA-COM-DS53-0001 Datasheet
81Kb / 4P
Low Cost Three Way Power Splitter/Combiner 824 - 960 MHz
DS54-0001 MA-COM-DS54-0001 Datasheet
81Kb / 4P
Low Cost Four-way SMT Power Splitter/Combiner, 824 - 960 MHz
MAPDCC0007 MA-COM-MAPDCC0007 Datasheet
78Kb / 3P
Low Cost Four-way SMT Power Splitter/Combiner, 824 - 960 MHz
MAPDCC0005 MA-COM-MAPDCC0005 Datasheet
81Kb / 4P
Low Cost Three Way Power Splitter/Combiner
MAPDCC0005 MA-COM-MAPDCC0005_15 Datasheet
558Kb / 5P
Low Cost Three Way Power Splitter/Combiner
MAPDCC0007 MA-COM-MAPDCC0007_15 Datasheet
587Kb / 4P
Low Cost Four-way SMT Power Splitter/Combiner, 824 - 960 MHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com