Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAPDCC0007 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

MAPDCC0007 Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # MAPDCC0007
Download  MAPDCC0007 Download
File Size   78.33 Kbytes
Page   3 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Low Cost Four-way SMT Power Splitter/Combiner, 824 - 960 MHz

MAPDCC0007 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAPDCC0007 Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # MAPDCC0007
Download  MAPDCC0007 Click to download

File Size   78.33 Kbytes
Page   3 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Low Cost Four-way SMT Power Splitter/Combiner, 824 - 960 MHz

MAPDCC0007 Datasheet (HTML) - M/A-COM Technology Solutions, Inc.


MAPDCC0007 Product details

Description

M/A-COM’s MAPDCC0007 is an IC-based monolithic power splitter/combiner in a low cost SOW-16 plastic package. This device is ideally suited for applications where PCB real estate is at a premium and standard packaging for automated assembly and low cost are critical. Typical applications include infrastructure, portables and peripheral devices (PCMCIA cards) for wireless standards such as GSM, AMPS, CDPD, RAM and ARDIS. Available in tape and reel.

The MAPDCC0007 is fabricated using a passive integrated circuit process. The process features fullchip passivation for increased performance and reliability.



Features

• Low Cost

• Small Size and Low Profile

• Industry Standard SOW-16 SMT Plastic Package

• Excellent Repeatability (Lot-to-Lot Variation)

• Typical Isolation: 23 dB

• Typical Amplitude Balance: 0.3 dB

• Typical Insertion Loss: 1.0 dB

• Lead-Free SOW-16 Package

• 100% Matte Tin Plating over Copper

• Halogen-Free “Green” Mold Compound

• 260°C Reflow Compatible

• RoHS* Compliant Version of DS54-0001



 




Similar Part No. - MAPDCC0007

ManufacturerPart #DatasheetDescription
logo
Tachyonics CO,. LTD
MAPDCC0007 TACHYONICS-MAPDCC0007 Datasheet
439Kb / 3P
Low Cost Four-way SMT Power Splitter/Combiner, 824 - 960 MHz
logo
M/A-COM Technology Solu...
MAPDCC0007 MA-COM-MAPDCC0007 Datasheet
78Kb / 3P
Low Cost Four-way SMT Power
MAPDCC0007 MA-COM-MAPDCC0007 Datasheet
587Kb / 4P
Low Cost Four-way SMT Power Splitter/Combiner, 824 - 960 MHz
logo
Tachyonics CO,. LTD
MAPDCC0007-TB TACHYONICS-MAPDCC0007-TB Datasheet
439Kb / 3P
Low Cost Four-way SMT Power Splitter/Combiner, 824 - 960 MHz
logo
M/A-COM Technology Solu...
MAPDCC0007-TB MA-COM-MAPDCC0007-TB Datasheet
587Kb / 4P
Low Cost Four-way SMT Power Splitter/Combiner, 824 - 960 MHz
More results


Similar Description - MAPDCC0007

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
DS53-0001 MACOM-DS53-0001 Datasheet
110Kb / 2P
Low Cost Three Way Power Splitter/Combiner 824 - 960 MHz
DS54-0001 MACOM-DS54-0001 Datasheet
37Kb / 2P
Low Cost Four-Way SMT Power Splitter/Combiner, 824-960 MHz
DS54-0005 MACOM-DS54-0005 Datasheet
45Kb / 2P
Low Cost Four-Way GMIC SMT Power Divider 824 . 960 MHz
logo
Tachyonics CO,. LTD
MAPDCC0007 TACHYONICS-MAPDCC0007 Datasheet
439Kb / 3P
Low Cost Four-way SMT Power Splitter/Combiner, 824 - 960 MHz
logo
M/A-COM Technology Solu...
DS53-0001 MA-COM-DS53-0001 Datasheet
81Kb / 4P
Low Cost Three Way Power Splitter/Combiner 824 - 960 MHz
DS54-0001 MA-COM-DS54-0001 Datasheet
81Kb / 4P
Low Cost Four-way SMT Power Splitter/Combiner, 824 - 960 MHz
DS54-0005 MA-COM-DS54-0005 Datasheet
80Kb / 4P
Low Cost Four-Way GMIC SMT Power Divider 824 - 960 MHz
MAPDCC0005 MA-COM-MAPDCC0005 Datasheet
81Kb / 4P
Low Cost Three Way Power Splitter/Combiner 824 - 960 MHz
MAPDCC0007 MA-COM-MAPDCC0007_15 Datasheet
587Kb / 4P
Low Cost Four-way SMT Power Splitter/Combiner, 824 - 960 MHz
MAPDCC0009 MA-COM-MAPDCC0009_15 Datasheet
605Kb / 5P
Low Cost Four-Way GMIC SMT Power Divider 824 ??960 MHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com