Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAPDCC0009 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

MAPDCC0009 Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # MAPDCC0009
Download  MAPDCC0009 Download
File Size   80.55 Kbytes
Page   4 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Low Cost Four-Way GMIC SMT Power Divider 824 - 960 MHz

MAPDCC0009 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAPDCC0009 Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # MAPDCC0009
Download  MAPDCC0009 Click to download

File Size   80.55 Kbytes
Page   4 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Low Cost Four-Way GMIC SMT Power Divider 824 - 960 MHz

MAPDCC0009 Datasheet (HTML) - M/A-COM Technology Solutions, Inc.


MAPDCC0009 Product details

Description
M/A-COM’s MAPDCC0009 is an IC-based monolithic power divider using M/A-COM’s GMIC technology in a low cost SOIC-8 plastic package. This 4-way power divider is ideally suited for applications where PCB real estate is at a premium and standard packaging for automated assembly and low cost are critical. Typical applications include infrastructure, portables, and peripheral devices (PCMCIA cards) for wireless standards such as GSM, AMPS, CDPD, RAM, and ARDIS. Available in tape and reel.

Features
• Low Cost
• Small Size and Low Profile
• Superior Repeatability (Lot-to-Lot Variation)
• Typical Insertion Loss: 0.8 dB
• Typical Isolation: 24 dB
• Typical Amplitude Balance: 0.3 dB
• Lead-Free SOIC-8 Package
• 100% Matte Tin Plating over Copper
• Halogen-Free “Green” Mold Compound
• 260°C Reflow Compatible
• RoHS* Compliant Version of DS54-0005




Similar Part No. - MAPDCC0009

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAPDCC0009 MA-COM-MAPDCC0009 Datasheet
80Kb / 4P
Low Cost Four-Way GMIC SMT Power Divider
MAPDCC0009 MA-COM-MAPDCC0009 Datasheet
605Kb / 5P
Low Cost Four-Way GMIC SMT Power Divider 824 ??960 MHz
MAPDCC0009-TB MA-COM-MAPDCC0009-TB Datasheet
605Kb / 5P
Low Cost Four-Way GMIC SMT Power Divider 824 ??960 MHz
MAPDCC0009-TR MA-COM-MAPDCC0009-TR Datasheet
605Kb / 5P
Low Cost Four-Way GMIC SMT Power Divider 824 ??960 MHz
MAPDCC0009 MA-COM-MAPDCC0009_15 Datasheet
605Kb / 5P
Low Cost Four-Way GMIC SMT Power Divider 824 ??960 MHz
More results


Similar Description - MAPDCC0009

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
DS54-0005 MACOM-DS54-0005 Datasheet
45Kb / 2P
Low Cost Four-Way GMIC SMT Power Divider 824 . 960 MHz
DS58-0001 MACOM-DS58-0001 Datasheet
36Kb / 2P
Low Cost Eight-Way GMIC SMT Power Divider 824 - 960 MHz
MAPDCC0011 MACOM-MAPDCC0011 Datasheet
155Kb / 3P
Low Cost Two-Way GMIC SMT Power Divider 824-960 MHz
logo
M/A-COM Technology Solu...
DS52-0008 MA-COM-DS52-0008 Datasheet
73Kb / 4P
Low Cost Two-Way GMIC SMT Power Divider 824 - 960 MHz
DS54-0005 MA-COM-DS54-0005 Datasheet
80Kb / 4P
Low Cost Four-Way GMIC SMT Power Divider 824 - 960 MHz
DS58-0001 MA-COM-DS58-0001 Datasheet
77Kb / 3P
Low Cost Eight-Way GMIC SMT Power Divider 824 - 960 MHz
MAPDCC0011 MA-COM-MAPDCC0011 Datasheet
73Kb / 4P
Low Cost Two-Way GMIC SMT Power Divider 824 - 960 MHz
MAPDCC0021 MA-COM-MAPDCC0021 Datasheet
78Kb / 3P
Low Cost Eight-Way GMIC SMT Power Divider 824 - 960 MHz
MAPDCC0009 MA-COM-MAPDCC0009_15 Datasheet
605Kb / 5P
Low Cost Four-Way GMIC SMT Power Divider 824 ??960 MHz
MAPDCC0021 MA-COM-MAPDCC0021_15 Datasheet
530Kb / 4P
Low Cost Eight-Way GMIC SMT Power Divider 824 ??960 MHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com