Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC3673 Datasheet (PDF) - Toshiba Semiconductor

2SC3673 Datasheet PDF - Toshiba Semiconductor
Part # 2SC3673
Download  2SC3673 Download
File Size   200.26 Kbytes
Page   3 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description NPN EPITAXIAL TYPE (SWITCHING, SOLENOID DRIVE APPLICATIONS)

2SC3673 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SC3673 Datasheet PDF - Toshiba Semiconductor

Part # 2SC3673
Download  2SC3673 Click to download

File Size   200.26 Kbytes
Page   3 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description NPN EPITAXIAL TYPE (SWITCHING, SOLENOID DRIVE APPLICATIONS)

2SC3673 Datasheet (HTML) - Toshiba Semiconductor


2SC3673 Product details

Switching Applications
Solenoid Drive Applications
   
• High DC current gain: hFE = 500 (min) (IC = 400 mA)
• Low collector-emitter saturation voltage: VCE (sat) = 0.5 V (max)
                                                                   (IC = 300 mA)
   




Similar Part No. - 2SC3673

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC3673 TOSHIBA-2SC3673 Datasheet
148Kb / 5P
Switching Applications Solenoid Drive Applications
2SC3673 TOSHIBA-2SC3673_04 Datasheet
148Kb / 5P
Switching Applications Solenoid Drive Applications
More results


Similar Description - 2SC3673

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC3474 TOSHIBA-2SC3474 Datasheet
189Kb / 4P
NPN EPITAXIAL TYPE (SWITCHING, SOLENOID DRIVE APPLICATIONS)
2SC3964 TOSHIBA-2SC3964 Datasheet
198Kb / 3P
NPN EPITAXIAL TYPE (SWITCHING, SOLENOID DRIVE APPLICATIONS, TEMPERATURE CONPENSATED FOR AUDIO AMPLIFIER OUTPUT STAGE)
2SD1947A TOSHIBA-2SD1947A Datasheet
221Kb / 4P
NPN EPITAXIAL TYPE (HIGH CURRENT SWITCHING, LAMP, SOLENOID DRIVE APPLICATIONS)
2SD2075A TOSHIBA-2SD2075A Datasheet
211Kb / 4P
NPN TRIPLE DIFFUSED TYPE (HIGH CURRENT SWITCHING, LAMP, SOLENOID DRIVE APPLICATIONS)
2SD2092 TOSHIBA-2SD2092 Datasheet
228Kb / 4P
NPN EPITAXIAL TYPE (SWITCHING, LAMP, SOLENOID DRIVE APPLICATIONS)
2SD2127 TOSHIBA-2SD2127 Datasheet
225Kb / 4P
NPN EPITAXIAL TYPE (SWITCHIN, LAMP, SOLENOID DRIVE APPLICATIONS)
2SD2241 TOSHIBA-2SD2241 Datasheet
160Kb / 3P
NPN EPITAXIAL TYPE (SWITCHING APPLICATIONS)
2SD2536 TOSHIBA-2SD2536 Datasheet
105Kb / 2P
NPN EPITAXIAL TYPE (MICRO MOTOR DRIVE, HAMMER DRIVE, SWITCHING APPLICATIONS)
2SC3474 TOSHIBA-2SC3474_05 Datasheet
185Kb / 5P
Switching Applications Solenoid Drive Applications
2SC3673 TOSHIBA-2SC3673_04 Datasheet
148Kb / 5P
Switching Applications Solenoid Drive Applications
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com