Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SD2536 Datasheet (PDF) - Toshiba Semiconductor

2SD2536 Datasheet PDF - Toshiba Semiconductor
Part # 2SD2536
Download  2SD2536 Download
File Size   105.04 Kbytes
Page   2 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description NPN EPITAXIAL TYPE (MICRO MOTOR DRIVE, HAMMER DRIVE, SWITCHING APPLICATIONS)

2SD2536 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SD2536 Datasheet PDF - Toshiba Semiconductor

Part # 2SD2536
Download  2SD2536 Click to download

File Size   105.04 Kbytes
Page   2 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description NPN EPITAXIAL TYPE (MICRO MOTOR DRIVE, HAMMER DRIVE, SWITCHING APPLICATIONS)

2SD2536 Datasheet (HTML) - Toshiba Semiconductor


2SD2536 Product details

Switching Applications
Micro Motor Drive, Hammer Drive Applications
   
• High DC current gain: hFE = 2000 (min) (VCE = 2 V, IC = 1 A)
• Low saturation voltage: VCE (sat) = 1.2 V (max)
                                        (IC = 0.7 A, VBH = 4.2 V)
• Zener diode included between collector and base
   




Similar Part No. - 2SD2536

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SD2530 PANASONIC-2SD2530 Datasheet
45Kb / 1P
Silicon NPN triple diffusion planer type Darlington(For power amplification)
logo
Toshiba Semiconductor
2SD2531 TOSHIBA-2SD2531 Datasheet
142Kb / 2P
NPN TRIPLE DIFFUSED TYPE (POWER AMPLIFIER APPLICATIONS)
logo
Inchange Semiconductor ...
2SD2531 ISC-2SD2531 Datasheet
58Kb / 2P
isc Silicon NPN Power Transistor
logo
Foshan Blue Rocket Elec...
2SD2531 FOSHAN-2SD2531 Datasheet
1Mb / 6P
Silicon NPN transistor in a TO-220F Plastic Package.
logo
Rohm
2SD2537 ROHM-2SD2537 Datasheet
75Kb / 4P
Medium Power Transistor (25V, 1.2A)
More results


Similar Description - 2SD2536

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SD1140 TOSHIBA-2SD1140 Datasheet
195Kb / 4P
NPN EPITAXIAL TYPE (MICRO MOTOR DRIVE, HAMMER DRIVE, SWITCHING, POWER AMPLIFIER APPLICATIONS)
03-Feb-1997
2SD1509 TOSHIBA-2SD1509 Datasheet
163Kb / 3P
NPN EPITAXIAL TYPE (MICRO MOTOR DRIVE, HAMMER DRIVE, SWITCHING, POWER AMPLIFIER APPLICATIONS)
2SD1631 TOSHIBA-2SD1631 Datasheet
190Kb / 4P
NPN EPITAXIAL TYPE (MICRO MOTOR DRIVE, HAMMER DRIVE, SWITCHING, POWER AMPLIFIER APPLICATIONS)
2SD1658 TOSHIBA-2SD1658 Datasheet
177Kb / 4P
NPN EPITAXIAL TYPE (MICRO MOTOR DRIVE, HAMMER DRIVE, SWITCHING, POWER AMPLIFIER APPLICATIONS)
03-Feb-1997
2SD1784 TOSHIBA-2SD1784 Datasheet
193Kb / 3P
NPN EPITAXIAL TYPE (MICRO MOTOR DRIVE, HAMMER DRIVE, SWITCHING, POWER AMPLIFIER APPLICATIONS)
10-Apr-1997
2SD2088 TOSHIBA-2SD2088 Datasheet
179Kb / 4P
NPN EPITAXIAL TYPE (MICRO MOTOR DRIVE, HAMMER DRIVE, SWITCHING, POWER AMPLIFIER APPLICATIONS)
03-Feb-1997
2SD2130 TOSHIBA-2SD2130 Datasheet
218Kb / 4P
NPN EPITAXIAL TYPE (MICRO MOTOR DRIVE, HAMMER DRIVE, SWITCHING, POWER AMPLIFIER APPLICATIONS)
03-Feb-1997
2SD2206 TOSHIBA-2SD2206 Datasheet
160Kb / 3P
NPN EPITAXIAL TYPE (MICRO MOTOR DRIVE, HAMMER DRIVE, SWITCHING, POWER AMPLIFIER APPLICATIONS)
01-Sep-1997
2SD2480 TOSHIBA-2SD2480 Datasheet
196Kb / 3P
NPN EPITAXIAL TYPE (MICRO MOTOR DRIVE, HAMMER DRIVE, SWITCHING, POWER AMPLIFIER APPLICATIONS)
03-Feb-1997
2SD1631 TOSHIBA-2SD1631_10 Datasheet
152Kb / 5P
Micro Motor Drive, Hammer Drive Applications
10-Mar-2010
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com