Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SD2480 Datasheet (PDF) - Toshiba Semiconductor

2SD2480 Datasheet PDF - Toshiba Semiconductor
Part # 2SD2480
Download  2SD2480 Download
File Size   196.84 Kbytes
Page   3 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description NPN EPITAXIAL TYPE (MICRO MOTOR DRIVE, HAMMER DRIVE, SWITCHING, POWER AMPLIFIER APPLICATIONS)

2SD2480 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SD2480 Datasheet PDF - Toshiba Semiconductor

Part # 2SD2480
Download  2SD2480 Click to download

File Size   196.84 Kbytes
Page   3 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description NPN EPITAXIAL TYPE (MICRO MOTOR DRIVE, HAMMER DRIVE, SWITCHING, POWER AMPLIFIER APPLICATIONS)

2SD2480 Datasheet (HTML) - Toshiba Semiconductor


2SD2480 Product details

Micro Motor Drive, Hammer Drive Applications
Switching Applications
Power Amplifier Applications

• High DC current gain: hFE = 2000 (min) (VCE = 2 V, IC = 1 A)
• Low saturation voltage: VCE (sat) = 1.5 V (max) (IC = 1 A, IB = 1 mA)




Similar Part No. - 2SD2480

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SD2480 TOSHIBA-2SD2480 Datasheet
148Kb / 5P
Micro Motor Drive, Hammer Drive Applications
2SD2480 TOSHIBA-2SD2480_06 Datasheet
148Kb / 5P
Micro Motor Drive, Hammer Drive Applications
More results


Similar Description - 2SD2480

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SD1140 TOSHIBA-2SD1140 Datasheet
195Kb / 4P
NPN EPITAXIAL TYPE (MICRO MOTOR DRIVE, HAMMER DRIVE, SWITCHING, POWER AMPLIFIER APPLICATIONS)
2SD1508 TOSHIBA-2SD1508 Datasheet
202Kb / 4P
NPN EPITAXIAL TYPE (PULSE MOTOR DRIVE, HAMMER DRIVE, SWITCHING, POWER AMPLIFIER APPLICATIONS)
2SD1509 TOSHIBA-2SD1509 Datasheet
163Kb / 3P
NPN EPITAXIAL TYPE (MICRO MOTOR DRIVE, HAMMER DRIVE, SWITCHING, POWER AMPLIFIER APPLICATIONS)
2SD1631 TOSHIBA-2SD1631 Datasheet
190Kb / 4P
NPN EPITAXIAL TYPE (MICRO MOTOR DRIVE, HAMMER DRIVE, SWITCHING, POWER AMPLIFIER APPLICATIONS)
2SD1658 TOSHIBA-2SD1658 Datasheet
177Kb / 4P
NPN EPITAXIAL TYPE (MICRO MOTOR DRIVE, HAMMER DRIVE, SWITCHING, POWER AMPLIFIER APPLICATIONS)
2SD1784 TOSHIBA-2SD1784 Datasheet
193Kb / 3P
NPN EPITAXIAL TYPE (MICRO MOTOR DRIVE, HAMMER DRIVE, SWITCHING, POWER AMPLIFIER APPLICATIONS)
2SD2088 TOSHIBA-2SD2088 Datasheet
179Kb / 4P
NPN EPITAXIAL TYPE (MICRO MOTOR DRIVE, HAMMER DRIVE, SWITCHING, POWER AMPLIFIER APPLICATIONS)
2SD2130 TOSHIBA-2SD2130 Datasheet
218Kb / 4P
NPN EPITAXIAL TYPE (MICRO MOTOR DRIVE, HAMMER DRIVE, SWITCHING, POWER AMPLIFIER APPLICATIONS)
2SD2206 TOSHIBA-2SD2206 Datasheet
160Kb / 3P
NPN EPITAXIAL TYPE (MICRO MOTOR DRIVE, HAMMER DRIVE, SWITCHING, POWER AMPLIFIER APPLICATIONS)
2SD2536 TOSHIBA-2SD2536 Datasheet
105Kb / 2P
NPN EPITAXIAL TYPE (MICRO MOTOR DRIVE, HAMMER DRIVE, SWITCHING APPLICATIONS)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com