Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CA912 Datasheet (PDF) - Motorola, Inc

CA912 Datasheet PDF - Motorola, Inc
Part # CA912
Download  CA912 Download
File Size   52.83 Kbytes
Page   4 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description 17 dB 40-860 MHz VHF/UHF CATV/MATV AMPLIFIER

CA912 Datasheet (PDF)

Go To PDF Page Download Datasheet
CA912 Datasheet PDF - Motorola, Inc

Part # CA912
Download  CA912 Click to download

File Size   52.83 Kbytes
Page   4 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description 17 dB 40-860 MHz VHF/UHF CATV/MATV AMPLIFIER

CA912 Datasheet (HTML) - Motorola, Inc


CA912 Product details

The RF Line VHF/UHF CATV amplifier



. . . designed for broadband applications requiring low–distortion and high output capability. Specifically intended for CATV/MATV market requirements. These amplifiers feature ion–implanted arsenic emitter transistors and an all gold metal system.



• Specified Characteristics at TC = 25°C; VCC = 15 V

  Frequency Range — 40 to 860 MHz

  Power Gain — 17 dB Typ @ f = 40 MHz

  Noise Figure — 7.0 dB Typ @ f = 500 MHz

  123 dBµV DIN45004B @ 860 MHz

• All Gold Metallization for Improved Reliability

• Superior Gain, Return Loss and DC Current Stability with Temperature



 




Similar Part No. - CA912

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
CA912 NXP-CA912 Datasheet
234Kb / 4P
VHF/UHF CATV Amplifier
REV 7
More results


Similar Description - CA912

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
CA901 MOTOROLA-CA901 Datasheet
63Kb / 4P
17 dB 40-860 MHz VHF/UHF CATV/MATV AMPLIFIERS
CA922 MOTOROLA-CA922 Datasheet
63Kb / 4P
17 dB 40-860 MHz VHF/UHF CATV/MATV AMPLIFIERS
logo
Tyco Electronics
PAW- MACOM-PAW- Datasheet
36Kb / 1P
40-860 MHz. 28 dB. CATV Ultra-linear Amplifier
PAW887B MACOM-PAW887B Datasheet
36Kb / 1P
40-860 MHz. 28 dB. CATV Ultra-linear Amplifier
logo
Motorola, Inc
CA901 MOTOROLA-CA901_1 Datasheet
222Kb / 4P
17 dB 40-860 MHz VHF/UHF CATV/MATV AMPLIFIERS
logo
NXP Semiconductors
BGD885 NXP-BGD885_01 Datasheet
57Kb / 8P
860 MHz, 17 dB gain power doubler amplifier
2001 Nov 02
BGE885 NXP-BGE885_01 Datasheet
56Kb / 8P
860 MHz, 17 dB gain push-pull amplifier
2001 Oct 31
BGX885N NXP-BGX885N_01 Datasheet
57Kb / 8P
860 MHz, 17 dB gain push-pull amplifier
2001 Nov 14
logo
Quanzhou Jinmei Electro...
BGD885_2015 JMNIC-BGD885_2015 Datasheet
57Kb / 8P
860 MHz, 17 dB gain power doubler amplifier
logo
NXP Semiconductors
CA912 NXP-CA912 Datasheet
234Kb / 4P
VHF/UHF CATV Amplifier
REV 7
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com