Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CA922 Datasheet (PDF) - Motorola, Inc

CA922 Datasheet PDF - Motorola, Inc
Part # CA922
Download  CA922 Download
File Size   63.74 Kbytes
Page   4 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description 17 dB 40-860 MHz VHF/UHF CATV/MATV AMPLIFIERS

CA922 Datasheet (PDF)

Go To PDF Page Download Datasheet
CA922 Datasheet PDF - Motorola, Inc

Part # CA922
Download  CA922 Click to download

File Size   63.74 Kbytes
Page   4 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description 17 dB 40-860 MHz VHF/UHF CATV/MATV AMPLIFIERS

CA922 Datasheet (HTML) - Motorola, Inc


CA922 Product details

The RF Line

VHF/UHF CATV Amplifiers



Designed for broadband applications requiring low–distortion and high output capability. Specifically intended for CATV/MATV market requirements. These amplifiers feature ion–implanted arsenic emitter transistors and an all gold metal system.



• Specified Characteristics at VCC = 24 V, TC = 25°C

   Frequency Range — 40 to 860 MHz

   Power Gain — 17 dB Typ @ f = 40 MHz

   Noise Figure — 7.0 dB Typ @ f = 500 Mhz

   123 dBµV DIN45004B @ 860 MHz

• All Gold Metalization for Improved Reliability

• Superior Gain, Return Loss and DC Current Stability with Temperature

• Improved 2nd Order IMD Available (CA922A)



 




Similar Part No. - CA922

ManufacturerPart #DatasheetDescription
logo
Multi-Tech Systems, Inc...
CA9-9-D MULTITECH-CA9-9-D Datasheet
1Mb / 35P
DE15M-DE9F Serial Cable, Data Only (6 ft)
December 29, 2014
logo
Extech Instruments Corp...
CA900 EXTECH-CA900 Datasheet
808Kb / 1P
Extech Soft Protective Carrying Cases
logo
Motorola, Inc
CA901 MOTOROLA-CA901 Datasheet
63Kb / 4P
17 dB 40-860 MHz VHF/UHF CATV/MATV AMPLIFIERS
CA901 MOTOROLA-CA901 Datasheet
222Kb / 4P
17 dB 40-860 MHz VHF/UHF CATV/MATV AMPLIFIERS
logo
NXP Semiconductors
CA901 NXP-CA901 Datasheet
236Kb / 4P
The RF Line VHF/UHF CATV Amplifiers
More results


Similar Description - CA922

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
CA901 MOTOROLA-CA901 Datasheet
63Kb / 4P
17 dB 40-860 MHz VHF/UHF CATV/MATV AMPLIFIERS
CA912 MOTOROLA-CA912 Datasheet
52Kb / 4P
17 dB 40-860 MHz VHF/UHF CATV/MATV AMPLIFIER
MHW7222 MOTOROLA-MHW7222 Datasheet
48Kb / 2P
22 dB GAIN 750/860 MHz 110/128 CHANNEL CATV AMPLIFIERS
logo
STMicroelectronics
BFW16A STMICROELECTRONICS-BFW16A Datasheet
88Kb / 4P
CATV-MATV AMPLIFIERS
December 1988
logo
Tyco Electronics
PAW- MACOM-PAW- Datasheet
36Kb / 1P
40-860 MHz. 28 dB. CATV Ultra-linear Amplifier
PAW887B MACOM-PAW887B Datasheet
36Kb / 1P
40-860 MHz. 28 dB. CATV Ultra-linear Amplifier
logo
Motorola, Inc
CA901 MOTOROLA-CA901_1 Datasheet
222Kb / 4P
17 dB 40-860 MHz VHF/UHF CATV/MATV AMPLIFIERS
logo
New Jersey Semi-Conduct...
BFW16A NJSEMI-BFW16A Datasheet
73Kb / 2P
CATV-MATV AMPLIFIERS
logo
NXP Semiconductors
CA901 NXP-CA901 Datasheet
236Kb / 4P
The RF Line VHF/UHF CATV Amplifiers
CA901A NXP-CA901A Datasheet
236Kb / 4P
The RF Line VHF/UHF CATV Amplifiers
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com