Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC1037 Datasheet (PDF) - Transcom, Inc.

TC1037 Datasheet PDF - Transcom, Inc.
Part # TC1037
Download  TC1037 Download
File Size   158.53 Kbytes
Page   4 Pages
Manufacturer  TRANSCOM [Transcom, Inc.]
Direct Link  http://www.transcominc.com.tw
Logo TRANSCOM - Transcom, Inc.
Description 3.1 - 3.5 GHz 16W HPA MMIC

TC1037 Datasheet (PDF)

Go To PDF Page Download Datasheet
TC1037 Datasheet PDF - Transcom, Inc.

Part # TC1037
Download  TC1037 Click to download

File Size   158.53 Kbytes
Page   4 Pages
Manufacturer  TRANSCOM [Transcom, Inc.]
Direct Link  http://www.transcominc.com.tw
Logo TRANSCOM - Transcom, Inc.
Description 3.1 - 3.5 GHz 16W HPA MMIC

TC1037 Datasheet (HTML) - Transcom, Inc.


TC1037 Product details

DESCRIPTION
The TC1037 is a two stages PHEMT high power amplifier MMIC that operates from 3.1 to 3.5 GHz. The amplifier provides a typical 22 dB of gain and delivers 41.5 dBm of Pout. The MMIC is fabricated using Transcom’s proprietary matured GaAs PHEMT process. The process features full passivation for increased performance and reliability. All devices are 100 % DC tested to assure consistent quality. Bond pads are gold plated for either thermocompression or thermosonic wire bonding. Backside gold plating is compatible with standard AuSn die-attach.

FEATURES
• Pout: 41.5 dBm
• Small Signal Gain: 22 dB
• Bias Condition: 4500 mA @ 7 V




Similar Part No. - TC1037

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC1037 MICROCHIP-TC1037 Datasheet
481Kb / 18P
Linear Building Block . Single Comparator in SOT Packages
2002
TC1037CECT MICROCHIP-TC1037CECT Datasheet
481Kb / 18P
Linear Building Block . Single Comparator in SOT Packages
2002
More results


Similar Description - TC1037

ManufacturerPart #DatasheetDescription
logo
Transcom, Inc.
TA031-035-30-30 TRANSCOM-TA031-035-30-30 Datasheet
17Kb / 1P
3.1 - 3.5 GHz 1W Amplifier
TA031-035-40-10 TRANSCOM-TA031-035-40-10 Datasheet
29Kb / 1P
3.1 - 3.5 GHz Low Noise Amplifier
TA031-035-43-43 TRANSCOM-TA031-035-43-43 Datasheet
28Kb / 2P
3.1 - 3.5 GHz 20 W Amplifier
TM031-035-14-06 TRANSCOM-TM031-035-14-06 Datasheet
27Kb / 1P
3.1 - 3.5 GHz LNA Module
logo
M/A-COM Technology Solu...
MAFR-000514-000001 MA-COM-MAFR-000514-000001 Datasheet
93Kb / 2P
Single Junction Drop-In Circulator 3.1 GHz-3.5 GHz
logo
Mimix Broadband
XL1007-QT MIMIX-XL1007-QT_09 Datasheet
611Kb / 8P
3.5-8.0 GHz GaAs MMIC
logo
M/A-COM Technology Solu...
XL1007-QT MA-COM-XL1007-QT Datasheet
601Kb / 8P
3.5-8.0 GHz GaAs MMIC
logo
Cree, Inc
CMPA3135060S CREE-CMPA3135060S Datasheet
1Mb / 16P
3.1 - 3.5 GHz, 60 W, Packaged GaN MMIC Power Amplifier
logo
WOLFSPEED, INC.
CMPA0760020F WOLFSPEED-CMPA0760020F Datasheet
807Kb / 17P
0.7 – 6.0 GHz, 25 W GaN MMIC HPA
Rev. 0.0 October 2022
CMPA3135060S WOLFSPEED-CMPA3135060S Datasheet
1Mb / 16P
3.1 - 3.5 GHz, 60 W, Packaged GaN MMIC Power Amplifier
Rev. 1.0, 2022-8-25
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com