Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC1037 Datasheet (PDF) - Microchip Technology

TC1037 Datasheet PDF - Microchip Technology
Part # TC1037
Download  TC1037 Download
File Size   481.82 Kbytes
Page   18 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description Linear Building Block . Single Comparator in SOT Packages

TC1037 Datasheet (PDF)

Go To PDF Page Download Datasheet
TC1037 Datasheet PDF - Microchip Technology

Part # TC1037
Download  TC1037 Click to download

File Size   481.82 Kbytes
Page   18 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description Linear Building Block . Single Comparator in SOT Packages

TC1037 Datasheet (HTML) - Microchip Technology


TC1037 Product details

General Description
The TC1037/TC1038/TC1039 are single, low-power comparators designed for low-power applications.
These comparators are specifically designed for operation from a single supply. However, operation from dual supplies also is possible, and power supply current is independent of the magnitude of the power supply voltage. The TC1037/TC1038/TC1039 operate from two 1.5V alkaline cells down to VDD = 1.8V. Active supply current is 4µA for the TC1037/TC1038 and 6µA for the TC1039. Input and output swing of these devices is rail-to-rail.

Features
• Tiny SOT-23A Packages
• Optimized for Single Supply Operation
• Ultra Low Input Bias Current: Less than 100pA
• Low Quiescent Current: 4µA (TC1037), Shutdown Mode: 4µA, 0.05µA (TC1038), 6µA (TC1039)
• Shutdown Mode (TC1038)
• 2.0% Accurate Independent Voltage Reference (TC1039)
• Rail-to-Rail Inputs and Outputs
• Operation Down to VDD = 1.8V

Applications
• Power Management Circuits
• Battery Operated Equipment
• Consumer Products




Similar Part No. - TC1037

ManufacturerPart #DatasheetDescription
logo
Transcom, Inc.
TC1037 TRANSCOM-TC1037 Datasheet
158Kb / 4P
3.1 - 3.5 GHz 16W HPA MMIC
More results


Similar Description - TC1037

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC1025 TELCOM-TC1025 Datasheet
26Kb / 1P
LINEAR BUILDING BLOCK - DUAL LOW POWER COMPARATOR
TC1026 TELCOM-TC1026 Datasheet
26Kb / 1P
LINEAR BUILDING BLOCK - LOW POWER COMPARATOR WITH OP AMP AND VOLTAGE REFERENCE
TC1027 TELCOM-TC1027 Datasheet
28Kb / 1P
LINEAR BUILDING BLOCK - QUAD LOW POWER COMPARATOR AND VOLTAGE REFERENCE
TC1028 TELCOM-TC1028 Datasheet
26Kb / 1P
LINEAR BUILDING BLOCK - QUAD LOW POWER COMPARATOR AND VOLTAGE REFERENCE WITH SHUTDOWN
TC1031 TELCOM-TC1031 Datasheet
22Kb / 1P
LINEAR BUILDING BLOCK - LOW POWER COMPARATOR AND VOLTAGE REFERENCE
logo
Microchip Technology
TC1034 MICROCHIP-TC1034 Datasheet
479Kb / 16P
Linear Building Block . Single Operational Amplifiers in SOT Packages
2002
TC1040 MICROCHIP-TC1040 Datasheet
444Kb / 14P
Linear Building Block . Dual Low Power Comparator and Voltage Reference with Shutdown
2002
TC1026 MICROCHIP-TC1026 Datasheet
517Kb / 18P
Linear Building Block - Low Power Comparator with Op Amp and Voltage Reference
2002
TC1027 MICROCHIP-TC1027 Datasheet
486Kb / 18P
Linear Building Block - Quad Low Power Comparator and Voltage Reference
2002
TC1025 MICROCHIP-TC1025 Datasheet
285Kb / 16P
Linear Building Block - Dual Low Power Comparator
2005
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com