Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC1037 Datasheet(PDF) 4 Page - Microchip Technology

Part # TC1037
Description  Linear Building Block . Single Comparator in SOT Packages
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1037 Datasheet(HTML) 4 Page - Microchip Technology

  TC1037 Datasheet HTML 1Page - Microchip Technology TC1037 Datasheet HTML 2Page - Microchip Technology TC1037 Datasheet HTML 3Page - Microchip Technology TC1037 Datasheet HTML 4Page - Microchip Technology TC1037 Datasheet HTML 5Page - Microchip Technology TC1037 Datasheet HTML 6Page - Microchip Technology TC1037 Datasheet HTML 7Page - Microchip Technology TC1037 Datasheet HTML 8Page - Microchip Technology TC1037 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
TC1037/TC1038/TC1039
DS21344B-page 4
© 2002 Microchip Technology Inc.
2.0
PIN DESCRIPTIONS
The description of the pins are listed in Table 2-1.
TABLE 2-1:
PIN FUNCTION TABLE
Pin No.
TC1037
(5-Pin SOT-23A)
Symbol
Description
1
OUTPUT
Comparator output.
2VSS
Negative power supply.
3
IN+
Comparator non-inverting input.
4
IN-
Comparator inverting input.
5VDD
Positive power supply.
Pin No.
TC1038
(6-Pin SOT-23A)
Symbol
Description
1
OUTPUT
Comparator output.
2VSS
Negative power supply.
3
IN+
Comparator non-inverting input.
4
IN-
Comparator inverting input.
5
SHDN
Active low shutdown input (TC1038 only). A low input on this pin disables the comparator
and places the output terminal in a high impedance state.
6VDD
Positive power supply.
Pin No.
TC1039
(6-Pin SOT-23A)
Symbol
Description
1
OUTPUT
Comparator output.
2VSS
Negative power supply.
3
IN+
Comparator non-inverting input.
4
IN-
Comparator inverting input.
5
REF
1.20V bandgap voltage reference output (TC1039 only).
6VDD
Positive power supply.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com