Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC1037 Datasheet(PDF) 5 Page - Microchip Technology

Part # TC1037
Description  Linear Building Block . Single Comparator in SOT Packages
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1037 Datasheet(HTML) 5 Page - Microchip Technology

  TC1037 Datasheet HTML 1Page - Microchip Technology TC1037 Datasheet HTML 2Page - Microchip Technology TC1037 Datasheet HTML 3Page - Microchip Technology TC1037 Datasheet HTML 4Page - Microchip Technology TC1037 Datasheet HTML 5Page - Microchip Technology TC1037 Datasheet HTML 6Page - Microchip Technology TC1037 Datasheet HTML 7Page - Microchip Technology TC1037 Datasheet HTML 8Page - Microchip Technology TC1037 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
© 2002 Microchip Technology Inc.
DS21344B-page 5
TC1037/TC1038/TC1039
3.0
DETAILED DESCRIPTION
The TC1037/TC1038/TC1039 are a series of very low
power, linear building block products targeted at low
voltage, single supply applications. The TC1037/
TC1038/TC1039 minimum operating voltage is 1.8V
and typical supply current is only 4
µA for the TC1037
and TC1038 (fully enabled) and 6
µA for the TC1039.
3.1
Comparator
The
TC1037/8/9
contain
one
comparator.
The
comparator’s input range extends beyond both supply
voltages by 200mV and the outputs will swing to within
several millivolts of the supplies depending on the load
current being driven.
The comparator exhibits a propagation delay and
supply current which is largely independent of supply
voltage. The low input bias current and offset voltage
makes it suitable for high impedance precision
applications.
The TC1038 comparator is disabled during shutdown
and has a high impedance output.
3.2
Voltage Reference
A 2.0% tolerance, internally biased, 1.20V bandgap
voltage reference is included in the TC1039. It has a
push-pull output capable of sourcing and sinking at
least 50
µA.
3.3
Shutdown Input (TC1038 Only)
SHDN at VIL disables the comparator and reduces the
supply current to less than 0.3
µA. The SHDN input
cannot be allowed to float. When not used, connect it to
VDD. The comparator’s output is in a high impedance
state when the TC1038 is disabled. The comparator’s
inputs can be driven from rail-to-rail by an external
voltage when the TC1038 is disabled. No latchup will
occur when the device is driven to its enabled state
when SHDN is set to VIH.
4.0
TYPICAL APPLICATIONS
The TC1037/TC1038/TC1039 family lends itself to a
wide variety of applications, particularly in battery
powered systems. It typically finds application in power
management, processor supervisory and interface
circuitry.
4.1
External Hysteresis (Comparator)
Hysteresis can be set externally with two resistors
using positive feedback techniques (see Figure 4-1).
The design procedure for setting external comparator
hysteresis is as follows:
1.
Choose the feedback resistor RC.Since the
input bias current of the comparator is at most
100pA, the current through RC canbeset to
100nA (i.e., 1000 times the input bias current)
and retain excellent accuracy. The current
through RC at the comparator’s trip point is VR /
RC where VR is a stable reference voltage.
2.
Determine the hysteresis voltage (VHY) between
the upper and lower thresholds.
3.
Calculate RA as follows:
EQUATION 4-1:
4.
Choose the rising threshold voltage for VSRC
(VTHR).
5.
Calculate RB as follows:
EQUATION 4-2:
6.
Verify
the
threshold
voltages
with
these
formulas:
VSRC rising:
EQUATION 4-3:
VSRC falling:
EQUATION 4-4:
R
A
R
C
V
HY
V
DD
-----------


=
R
B
1
V
THR
V
R
R
A
×
---------------------
 1
R
A
-------
–
1
R
C
-------
–
-----------------------------------------------------------
=
V
TH R
V
R
() R
A
()
1
R
A
-------


1
R
B
-------


1
R
C
-------


++
=
V
THF
V
THR
R
A
V
DD
×
R
C
-------------------------


–
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com