Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC1037 Datasheet(PDF) 1 Page - Microchip Technology

Part # TC1037
Description  Linear Building Block . Single Comparator in SOT Packages
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1037 Datasheet(HTML) 1 Page - Microchip Technology

  TC1037 Datasheet HTML 1Page - Microchip Technology TC1037 Datasheet HTML 2Page - Microchip Technology TC1037 Datasheet HTML 3Page - Microchip Technology TC1037 Datasheet HTML 4Page - Microchip Technology TC1037 Datasheet HTML 5Page - Microchip Technology TC1037 Datasheet HTML 6Page - Microchip Technology TC1037 Datasheet HTML 7Page - Microchip Technology TC1037 Datasheet HTML 8Page - Microchip Technology TC1037 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
© 2002 Microchip Technology Inc.
DS21344B-page 1
Features
• Tiny SOT-23A Packages
• Optimized for Single Supply Operation
• Ultra Low Input Bias Current: Less than 100pA
• Low Quiescent Current: 4
µA (TC1037),
Shutdown Mode: 4
µA, 0.05µA (TC1038),
6
µA (TC1039)
• Shutdown Mode (TC1038)
• 2.0% Accurate Independent Voltage Reference
(TC1039)
• Rail-to-Rail Inputs and Outputs
• Operation Down to VDD =1.8V
Applications
• Power Management Circuits
• Battery Operated Equipment
• Consumer Products
Device Selection Table
Package Types
General Description
The TC1037/TC1038/TC1039 are single, low-power
comparators designed for low-power applications.
These comparators are specifically designed for
operation from a single supply. However, operation
from dual supplies also is possible, and power supply
current is independent of the magnitude of the power
supply voltage. The TC1037/TC1038/TC1039 operate
from two1.5Valkalinecells downtoVDD = 1.8V. Active
supply current is 4
µA for the TC1037/TC1038 and 6µA
for the TC1039. Input and output swing of these
devices is rail-to-rail.
An active low shutdown input, SHDN, is available on
the TC1038 and disables the comparator, placing its
output in a high-impedance state. The TC1038 draws
only 0.05
µA (typical) when the shutdown mode is
active.
An internally biased 1.20V bandgap reference is
included in the TC1039. The reference is accurate to
2.0 percent tolerance. This reference is independent of
the comparator in the TC1039.
Packaged in a 5-Pin SOT-23A (TC1037) or 6-Pin
SOT-23A (TC1038/TC1039), these single comparators
are ideal for applications requiring high integration,
small size and low power.
Functional Block Diagram
Part Number
Package
Temperature
Range
TC1037CECT
5-Pin SOT-23A
-40°C to +85°C
TC1038CECH
6-Pin SOT-23A
-40°C to +85°C
TC1039CECH
6-Pin SOT-23A
-40°C to +85°C
OUTPUT
VSS
IN+
VDD
IN-
5-Pin SOT-23A
TC1037ECT
1
3
5
4
2
OUTPUT
VSS
IN+
VDD
IN-
SHDN
6-Pin SOT-23A
TC1038ECH
1
3
6
4
5
2
OUTPUT
VSS
IN+
VDD
IN-
REF
6-Pin SOT-23A
TC1039ECH
1
3
6
4
5
2
NOTE: 5-Pin SOT-23A is equivalent to the EIAJ SC-74A.
6-Pin SOT-23A is equivalent to the EIAJ SC-74.
–
OUTPUT
IN+
TC1037
–
OUTPUT
IN+
TC1038
1
2
3
5
4
6
5
4
1
2
3
6
5
4
2
3
VSS
VDD
IN-
VDD
SHDN
IN-
VSS
1
–
OUTPUT
IN+
TC1039
VSS
Voltage
Reference
VDD
IN-
REF
TC1037/TC1038/TC1039
Linear Building Block – Single Comparator in SOT Packages


Similar Part No. - TC1037

ManufacturerPart #DatasheetDescription
logo
Transcom, Inc.
TC1037 TRANSCOM-TC1037 Datasheet
158Kb / 4P
3.1 - 3.5 GHz 16W HPA MMIC
More results

Similar Description - TC1037

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC1025 TELCOM-TC1025 Datasheet
26Kb / 1P
LINEAR BUILDING BLOCK - DUAL LOW POWER COMPARATOR
TC1026 TELCOM-TC1026 Datasheet
26Kb / 1P
LINEAR BUILDING BLOCK - LOW POWER COMPARATOR WITH OP AMP AND VOLTAGE REFERENCE
TC1027 TELCOM-TC1027 Datasheet
28Kb / 1P
LINEAR BUILDING BLOCK - QUAD LOW POWER COMPARATOR AND VOLTAGE REFERENCE
TC1028 TELCOM-TC1028 Datasheet
26Kb / 1P
LINEAR BUILDING BLOCK - QUAD LOW POWER COMPARATOR AND VOLTAGE REFERENCE WITH SHUTDOWN
TC1031 TELCOM-TC1031 Datasheet
22Kb / 1P
LINEAR BUILDING BLOCK - LOW POWER COMPARATOR AND VOLTAGE REFERENCE
logo
Microchip Technology
TC1034 MICROCHIP-TC1034 Datasheet
479Kb / 16P
Linear Building Block . Single Operational Amplifiers in SOT Packages
2002
TC1040 MICROCHIP-TC1040 Datasheet
444Kb / 14P
Linear Building Block . Dual Low Power Comparator and Voltage Reference with Shutdown
2002
TC1026 MICROCHIP-TC1026 Datasheet
517Kb / 18P
Linear Building Block - Low Power Comparator with Op Amp and Voltage Reference
2002
TC1027 MICROCHIP-TC1027 Datasheet
486Kb / 18P
Linear Building Block - Quad Low Power Comparator and Voltage Reference
2002
TC1025 MICROCHIP-TC1025 Datasheet
285Kb / 16P
Linear Building Block - Dual Low Power Comparator
2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com