Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC1037 Datasheet(PDF) 11 Page - Microchip Technology

Part # TC1037
Description  Linear Building Block . Single Comparator in SOT Packages
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1037 Datasheet(HTML) 11 Page - Microchip Technology

Back Button TC1037 Datasheet HTML 7Page - Microchip Technology TC1037 Datasheet HTML 8Page - Microchip Technology TC1037 Datasheet HTML 9Page - Microchip Technology TC1037 Datasheet HTML 10Page - Microchip Technology TC1037 Datasheet HTML 11Page - Microchip Technology TC1037 Datasheet HTML 12Page - Microchip Technology TC1037 Datasheet HTML 13Page - Microchip Technology TC1037 Datasheet HTML 14Page - Microchip Technology TC1037 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
© 2002 Microchip Technology Inc.
DS21344B-page 11
TC1037/TC1038/TC1039
5.0
TYPICAL CHARACTERISTICS (CONTINUED)
1.25
1.20
1.15
1.10
1.05
1
23
4
5
01
2
3
4
5
6
SUPPLY VOLTAGE (V)
Supply Current vs. Supply Voltage
TA = 85°C
TA = -40°C
TA = 25°C
Reference Voltage
vs. Supply Voltage
SUPPLY VOLTAGE (V)
3
2
1
0
TC1037, TC1038
01
2
3
4
5
6
SUPPLY VOLTAGE (V)
Supply Current vs. Supply Voltage
TA = 85°C
TA = -40°C
TA = 25°C
5
4
3
2
TC1039



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com