Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC2181 Datasheet (PDF) - Transcom, Inc.

TC2181 Datasheet PDF - Transcom, Inc.
Part # TC2181
Download  TC2181 Download
File Size   284.88 Kbytes
Page   4 Pages
Manufacturer  TRANSCOM [Transcom, Inc.]
Direct Link  http://www.transcominc.com.tw
Logo TRANSCOM - Transcom, Inc.
Description Low Noise and High Dynamic Range Packaged GaAs FETs

TC2181 Datasheet (PDF)

Go To PDF Page Download Datasheet
TC2181 Datasheet PDF - Transcom, Inc.

Part # TC2181
Download  TC2181 Click to download

File Size   284.88 Kbytes
Page   4 Pages
Manufacturer  TRANSCOM [Transcom, Inc.]
Direct Link  http://www.transcominc.com.tw
Logo TRANSCOM - Transcom, Inc.
Description Low Noise and High Dynamic Range Packaged GaAs FETs

TC2181 Datasheet (HTML) - Transcom, Inc.


TC2181 Product details

DESCRIPTION
The TC2181 is a high performance field effect transistor housed in a ceramic micro-x package with TC1101 PHEMT Chip. It has very low noise figure, high associated gain and high dynamic range that makes this device suitable for use in low noise amplifiers. All devices are 100 % DC tested to assure consistent quality.

FEATURES
• 0.5 dB Typical Noise Figure at 12 GHz
• High Associated Gain:
   Ga = 12 dB Typical at 12 GHz
• 18 dBm Typical Power at 12 GHz
• 13 dB Typical Linear Power Gain at 12 GHz
• Breakdown Voltage : BVDGO ≥ 9V
• Lg = 0.25 µm, Wg = 160 µm
• 100 % DC Tested
• Micro-X Metal Ceramic Package




Similar Part No. - TC2181

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TC2181 ETC2-TC2181 Datasheet
140Kb / 4P
Low Noise and High Dynamic Range Packaged GaAs FETs
More results


Similar Description - TC2181

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TC2182 ETC2-TC2182 Datasheet
104Kb / 4P
Low Noise Ceramic Packaged PHEMT GaAs FETs
TC2181 ETC2-TC2181 Datasheet
140Kb / 4P
Low Noise and High Dynamic Range Packaged GaAs FETs
logo
Transcom, Inc.
TC2101 TRANSCOM-TC2101 Datasheet
167Kb / 4P
Plastic Packaged Low Noise PHEMT GaAs FETs
TC2141 TRANSCOM-TC2141 Datasheet
776Kb / 4P
Low Noise and High Dynamic Range Packaged GaAs FETs
TC2182 TRANSCOM-TC2182 Datasheet
227Kb / 3P
Low Noise Ceramic Packaged PHEMT GaAs FETs
TC2201 TRANSCOM-TC2201 Datasheet
159Kb / 4P
Plastic Packaged Low Noise PHEMT GaAs FETs
TC2281 TRANSCOM-TC2281 Datasheet
287Kb / 4P
Low Noise and High Dynamic Range Packaged GaAs FETs
TC2282 TRANSCOM-TC2282 Datasheet
225Kb / 3P
Low Noise Ceramic Packaged PHEMT GaAs FETs
TC2381 TRANSCOM-TC2381 Datasheet
279Kb / 4P
Low Noise and Medium Power Packaged GaAs FETs
TC2384 TRANSCOM-TC2384 Datasheet
192Kb / 4P
Low Noise and Medium Power Packaged GaAs FETs
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com