Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC2182 Datasheet (PDF) - Transcom, Inc.

TC2182 Datasheet PDF - Transcom, Inc.
Part # TC2182
Download  TC2182 Download
File Size   227.21 Kbytes
Page   3 Pages
Manufacturer  TRANSCOM [Transcom, Inc.]
Direct Link  http://www.transcominc.com.tw
Logo TRANSCOM - Transcom, Inc.
Description Low Noise Ceramic Packaged PHEMT GaAs FETs

TC2182 Datasheet (PDF)

Go To PDF Page Download Datasheet
TC2182 Datasheet PDF - Transcom, Inc.

Part # TC2182
Download  TC2182 Click to download

File Size   227.21 Kbytes
Page   3 Pages
Manufacturer  TRANSCOM [Transcom, Inc.]
Direct Link  http://www.transcominc.com.tw
Logo TRANSCOM - Transcom, Inc.
Description Low Noise Ceramic Packaged PHEMT GaAs FETs

TC2182 Datasheet (HTML) - Transcom, Inc.


TC2182 Product details

DESCRIPTION
The TC2182 is a high performance field effect transistor housed in a ceramic micro-x package with TC1102 PHEMT Chip. It has very low noise figure, high associated gain and high dynamic range that makes this device suitable for use in low noise amplifiers. All devices are 100 % DC tested to assure consistent quality.

FEATURES
• 0.5 dB Typical Noise Figure at 12 GHz
• High Associated Gain: Ga = 13 dB Typical at 12 GHz
• Lg = 0.25 µm, Wg = 160 µm
• Tight Vp ranges control
• High RF input power handling capability
• 100 % DC Tested
• Micro-X Metal Ceramic Package




Similar Part No. - TC2182

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TC2182 ETC2-TC2182 Datasheet
104Kb / 4P
Low Noise Ceramic Packaged PHEMT GaAs FETs
More results


Similar Description - TC2182

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TC2201 ETC1-TC2201 Datasheet
131Kb / 4P
Plastic Packaged Low Noise PHEMT GaAs FETs
TC2571 ETC1-TC2571 Datasheet
151Kb / 3P
1W Low-Cost Packaged PHEMT GaAs Power FETs
TC2182 ETC2-TC2182 Datasheet
104Kb / 4P
Low Noise Ceramic Packaged PHEMT GaAs FETs
logo
Transcom, Inc.
TC2101 TRANSCOM-TC2101 Datasheet
167Kb / 4P
Plastic Packaged Low Noise PHEMT GaAs FETs
TC2111 TRANSCOM-TC2111 Datasheet
162Kb / 4P
Plastic Packaged Low Noise PHEMT GaAs FETs
TC2201 TRANSCOM-TC2201 Datasheet
159Kb / 4P
Plastic Packaged Low Noise PHEMT GaAs FETs
TC2211 TRANSCOM-TC2211 Datasheet
158Kb / 4P
Plastic Packaged Low Noise PHEMT GaAs FETs
TC2282 TRANSCOM-TC2282 Datasheet
225Kb / 3P
Low Noise Ceramic Packaged PHEMT GaAs FETs
TC3918 TRANSCOM-TC3918 Datasheet
229Kb / 3P
Packaged Single-Bias Low Noise PHEMT GaAs FETs
TC3928 TRANSCOM-TC3928 Datasheet
155Kb / 2P
Packaged Single-Bias Low Noise PHEMT GaAs FETs
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com