Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC2571 Datasheet (PDF) - List of Unclassifed Manufacturers

TC2571 Datasheet PDF - List of Unclassifed Manufacturers
Part # TC2571
Download  TC2571 Download
File Size   151.84 Kbytes
Page   3 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description 1W Low-Cost Packaged PHEMT GaAs Power FETs

TC2571 Datasheet (PDF)

Go To PDF Page Download Datasheet
TC2571 Datasheet PDF - List of Unclassifed Manufacturers

Part # TC2571
Download  TC2571 Click to download

File Size   151.84 Kbytes
Page   3 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description 1W Low-Cost Packaged PHEMT GaAs Power FETs

TC2571 Datasheet (HTML) - List of Unclassifed Manufacturers


TC2571 Product details

[TRANSCOM]

DESCRIPTION
The TC2571 is packaged the TC1501 Pseudomorphic High Electron Mobility Transistor (PHEMT) GaAs Power chip. The cu-based ceramic package that requires a surface-mount package is a low-cost and high performance package. All devices are 100% DC tested to assure consistent quality. Typical applications include high dynamic range power amplifier for commercial applications including Cellular/PCS systems, and military high performance power amplifier.

FEATURES
• 1W Typical Output Power at 6 GHz
• 11dB Typical Power Gain at 6 GHz
• High Linearity:
   IP3 = 40 dBm Typical at 6 GHz
• High Power Added Efficiency:
   PAE ≥ 43 % for Class A Operation
• Suitable for High Reliability Application
• Breakdown Voltage:
   BVDGO ≥ 15 V
• Lg = 0.35 µm, Wg = 2.4 mm
• 100 % DC Tested
• Low Cost Ceramic Package




Similar Part No. - TC2571

ManufacturerPart #DatasheetDescription
logo
Transcom, Inc.
TC2571 TRANSCOM-TC2571 Datasheet
196Kb / 3P
1 W Low-Cost Packaged PHEMT GaAs Power FETs
More results


Similar Description - TC2571

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TC2182 ETC2-TC2182 Datasheet
104Kb / 4P
Low Noise Ceramic Packaged PHEMT GaAs FETs
logo
Transcom, Inc.
TC2676 TRANSCOM-TC2676 Datasheet
186Kb / 3P
2 W Low-Cost Packaged PHEMT GaAs Power FETs
TC3957 TRANSCOM-TC3957 Datasheet
193Kb / 3P
1W Packaged Single-Bias PHEMT GaAs Power FETs
TC2481 TRANSCOM-TC2481 Datasheet
203Kb / 4P
0.5 W Low-Cost Packaged PHEMT GaAs Power FETs
TC2571 TRANSCOM-TC2571 Datasheet
196Kb / 3P
1 W Low-Cost Packaged PHEMT GaAs Power FETs
TC2876 TRANSCOM-TC2876 Datasheet
52Kb / 2P
5 W Low-Cost Packaged PHEMT GaAs Power FETs
TC2182 TRANSCOM-TC2182 Datasheet
227Kb / 3P
Low Noise Ceramic Packaged PHEMT GaAs FETs
TC2201 TRANSCOM-TC2201 Datasheet
159Kb / 4P
Plastic Packaged Low Noise PHEMT GaAs FETs
TC2282 TRANSCOM-TC2282 Datasheet
225Kb / 3P
Low Noise Ceramic Packaged PHEMT GaAs FETs
TC2471 TRANSCOM-TC2471 Datasheet
195Kb / 3P
0.5 W Low-Cost Packaged PHEMT GaAs Power FETs
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com