Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC2876 Datasheet (PDF) - Transcom, Inc.

TC2876 Datasheet PDF - Transcom, Inc.
Part # TC2876
Download  TC2876 Download
File Size   52.5 Kbytes
Page   2 Pages
Manufacturer  TRANSCOM [Transcom, Inc.]
Direct Link  http://www.transcominc.com.tw
Logo TRANSCOM - Transcom, Inc.
Description 5 W Low-Cost Packaged PHEMT GaAs Power FETs

TC2876 Datasheet (PDF)

Go To PDF Page Download Datasheet
TC2876 Datasheet PDF - Transcom, Inc.

Part # TC2876
Download  TC2876 Click to download

File Size   52.5 Kbytes
Page   2 Pages
Manufacturer  TRANSCOM [Transcom, Inc.]
Direct Link  http://www.transcominc.com.tw
Logo TRANSCOM - Transcom, Inc.
Description 5 W Low-Cost Packaged PHEMT GaAs Power FETs

TC2876 Datasheet (HTML) - Transcom, Inc.


TC2876 Product details

DESCRIPTION
The TC2876 is packaged with the TC1806 Pseudomorphic High Electron Mobility Transistor (PHEMT) GaAs Power chip. The Cu-based ceramic package provides excellent thermal conductivity for the GaAs FET. All devices are 100% DC tested to assure consistent quality. Typical applications include high dynamic range power amplifiers for commercial and military high performance power applications.

FEATURES
• 5 W Typical Output Power at 6 GHz
• 7 dB Typical Linear Power Gain at 6 GHz
• High Linearity: IP3 = 47 dBm Typical at 6 GHz
• High Power Added Efficiency: Nominal PAE of 40 % at 6 GHz
• Suitable for High Reliability Application
• Breakdown Voltage: BVDGO ≥ 18 V
• Lg = 0.6 µm, Wg = 12 mm
• Tight Vp ranges control
• High RF input power handling capability
• 100 % DC Tested
• Low Cost Ceramic Package




Similar Part No. - TC2876

ManufacturerPart #DatasheetDescription
logo
SHENZHEN FUMAN ELECTRON...
TC2801 FUMAN-TC2801 Datasheet
775Kb / 11P
LED driver
logo
France Joint
TC280X310X15 FRANCEJOINT-TC280X310X15 Datasheet
546Kb / 28P
STANDARD SHAFT SEALS
TC280X320X20 FRANCEJOINT-TC280X320X20 Datasheet
546Kb / 28P
STANDARD SHAFT SEALS
logo
Texas Instruments
TC281 TI-TC281 Datasheet
238Kb / 18P
1036- 횞 1010-pixel ccd image sensor
TC281 TI1-TC281 Datasheet
268Kb / 18P
PIXEL CCD IMAGE SENSOR
More results


Similar Description - TC2876

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TC2571 ETC1-TC2571 Datasheet
151Kb / 3P
1W Low-Cost Packaged PHEMT GaAs Power FETs
logo
Transcom, Inc.
TC2676 TRANSCOM-TC2676 Datasheet
186Kb / 3P
2 W Low-Cost Packaged PHEMT GaAs Power FETs
TC2696 TRANSCOM-TC2696 Datasheet
54Kb / 2P
2 W Flange Ceramic Packaged PHEMT GaAs Power FETs
TC3879 TRANSCOM-TC3879 Datasheet
58Kb / 2P
7 W Packaged Single-Bias PHEMT GaAs Power FETs
TC3967 TRANSCOM-TC3967 Datasheet
97Kb / 2P
2 W Packaged Single-Bias PHEMT GaAs Power FETs
TC2481 TRANSCOM-TC2481 Datasheet
203Kb / 4P
0.5 W Low-Cost Packaged PHEMT GaAs Power FETs
TC2571 TRANSCOM-TC2571 Datasheet
196Kb / 3P
1 W Low-Cost Packaged PHEMT GaAs Power FETs
TC2471 TRANSCOM-TC2471 Datasheet
195Kb / 3P
0.5 W Low-Cost Packaged PHEMT GaAs Power FETs
TC2491 TRANSCOM-TC2491 Datasheet
104Kb / 3P
0.5 W Flange Ceramic Packaged PHEMT GaAs Power FETs
TC2591 TRANSCOM-TC2591 Datasheet
74Kb / 3P
1 W Flange Ceramic Packaged PHEMT GaAs Power FETs
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com