Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC2571 Datasheet (PDF) - Transcom, Inc.

TC2571 Datasheet PDF - Transcom, Inc.
Part # TC2571
Download  TC2571 Download
File Size   196.29 Kbytes
Page   3 Pages
Manufacturer  TRANSCOM [Transcom, Inc.]
Direct Link  http://www.transcominc.com.tw
Logo TRANSCOM - Transcom, Inc.
Description 1 W Low-Cost Packaged PHEMT GaAs Power FETs

TC2571 Datasheet (PDF)

Go To PDF Page Download Datasheet
TC2571 Datasheet PDF - Transcom, Inc.

Part # TC2571
Download  TC2571 Click to download

File Size   196.29 Kbytes
Page   3 Pages
Manufacturer  TRANSCOM [Transcom, Inc.]
Direct Link  http://www.transcominc.com.tw
Logo TRANSCOM - Transcom, Inc.
Description 1 W Low-Cost Packaged PHEMT GaAs Power FETs

TC2571 Datasheet (HTML) - Transcom, Inc.


TC2571 Product details

DESCRIPTION
The TC2571 is packaged with the TC1501 Pseudomorphic High Electron Mobility Transistor (PHEMT) GaAs Power chip. TheCu-based ceramic package provides excellent thermal conductivity for the GaAs FET. All devices are 100% DC tested to assure consistent quality. Typical applications include high dynamic range power amplifiers for commercial and military high performance power applications.

FEATURES
• 1W Typical Output Power at 6 GHz
• 11dB Typical Power Gain at 6 GHz
• High Linearity: IP3 = 40 dBm Typical at 6 GHz
• High Power Added Efficiency: PAE ³ 43 % for Class A Operation
• Suitable for High Reliability Application
• Breakdown Voltage: BVDGO ³ 15 V
• Lg = 0.35 mm, Wg = 2.4 mm
• Tight Vp ranges control
• High RF input power handling capability
• 100 % DC Tested
• Low Cost Ceramic Package




Similar Part No. - TC2571

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TC2571 ETC1-TC2571 Datasheet
151Kb / 3P
1W Low-Cost Packaged PHEMT GaAs Power FETs
More results


Similar Description - TC2571

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TC2571 ETC1-TC2571 Datasheet
151Kb / 3P
1W Low-Cost Packaged PHEMT GaAs Power FETs
logo
Transcom, Inc.
TC2676 TRANSCOM-TC2676 Datasheet
186Kb / 3P
2 W Low-Cost Packaged PHEMT GaAs Power FETs
TC2696 TRANSCOM-TC2696 Datasheet
54Kb / 2P
2 W Flange Ceramic Packaged PHEMT GaAs Power FETs
TC3879 TRANSCOM-TC3879 Datasheet
58Kb / 2P
7 W Packaged Single-Bias PHEMT GaAs Power FETs
TC3967 TRANSCOM-TC3967 Datasheet
97Kb / 2P
2 W Packaged Single-Bias PHEMT GaAs Power FETs
TC2481 TRANSCOM-TC2481 Datasheet
203Kb / 4P
0.5 W Low-Cost Packaged PHEMT GaAs Power FETs
TC2876 TRANSCOM-TC2876 Datasheet
52Kb / 2P
5 W Low-Cost Packaged PHEMT GaAs Power FETs
TC2471 TRANSCOM-TC2471 Datasheet
195Kb / 3P
0.5 W Low-Cost Packaged PHEMT GaAs Power FETs
TC2491 TRANSCOM-TC2491 Datasheet
104Kb / 3P
0.5 W Flange Ceramic Packaged PHEMT GaAs Power FETs
TC2591 TRANSCOM-TC2591 Datasheet
74Kb / 3P
1 W Flange Ceramic Packaged PHEMT GaAs Power FETs
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com