Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4215 Datasheet (PDF) - Toshiba Semiconductor

2SC4215 Datasheet PDF - Toshiba Semiconductor
Part # 2SC4215
Download  2SC4215 Download
File Size   172.45 Kbytes
Page   4 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description NPN EPITAXIAL PLANAR TYPE (HIGH FREQUENCY FM, RF, MIX, IF AMPLIFIERAPPLICATIONS)

2SC4215 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SC4215 Datasheet PDF - Toshiba Semiconductor

Part # 2SC4215
Download  2SC4215 Click to download

File Size   172.45 Kbytes
Page   4 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description NPN EPITAXIAL PLANAR TYPE (HIGH FREQUENCY FM, RF, MIX, IF AMPLIFIERAPPLICATIONS)

2SC4215 Datasheet (HTML) - Toshiba Semiconductor


2SC4215 Product details

High Frequency Amplifier Applications
FM, RF, MIX, IF Amplifier Applications

• Small reverse transfer capacitance: Cre = 0.55 pF (typ.)
• Low noise figure: NF = 2dB (typ.) (f = 100 MHz)




Similar Part No. - 2SC4215

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC4215 TOSHIBA-2SC4215 Datasheet
519Kb / 5P
Silicon NPN Epitaxial Planar Type High Frequency Amplifier Applications
logo
Guangdong Kexin Industr...
2SC4215 KEXIN-2SC4215 Datasheet
45Kb / 1P
Silicon NPN Epitaxial
logo
Weitron Technology
2SC4215 WEITRON-2SC4215 Datasheet
604Kb / 4P
NPN Silicon Transistor
logo
SeCoS Halbleitertechnol...
2SC4215 SECOS-2SC4215 Datasheet
195Kb / 3P
NPN Plastic-Encapsulate Transistor
logo
Shenzhen Jin Yu Semicon...
2SC4215 HTSEMI-2SC4215 Datasheet
888Kb / 3P
TRANSISTOR (NPN)
More results


Similar Description - 2SC4215

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC1923 TOSHIBA-2SC1923 Datasheet
352Kb / 6P
TRANSISTOR (HIGH FREQUENCY, FM, RF, MIX, IF AMPLIFIER APPLICATIONS)
2SC2714 TOSHIBA-2SC2714 Datasheet
322Kb / 6P
TRANSISTOR (HIGH FREQUENCY, FM, RF, MIX, IF AMPLIFIER APPLICATIONS
2SC2995 TOSHIBA-2SC2995 Datasheet
324Kb / 6P
TRANSISTOR (FM/AM RF, MIX, OSC, IF HIGH FREQUENCY AMPLIFIER APPLICATIONS)
2SC2996 TOSHIBA-2SC2996 Datasheet
308Kb / 6P
TRANSISTOR (FM/AM, RF, MIX, LOCAL, IF HIGH FREQUENCY AMPLIFIER APPLICATIONS)
2SC4915 TOSHIBA-2SC4915 Datasheet
184Kb / 4P
NPN EPITAXIAL PLANAR TYPE (HIGH FREQUENCY, FM,RF,MIX, IF AMPLIFIER APPLICATIONS)
logo
Samsung semiconductor
KSC2669 SAMSUNG-KSC2669 Datasheet
68Kb / 2P
NPN (FM RADIO RF AMP, MIX, CONV, OSC, IF AMP)
KSC2787 SAMSUNG-KSC2787 Datasheet
75Kb / 2P
NPN (FM/AM RF AMP, MIX, CONV, OSC, IF)
logo
Toshiba Semiconductor
2SC2714-R TOSHIBA-2SC2714-R Datasheet
548Kb / 8P
High Frequency Amplifier Applications FM, RF, MIX, IF Amplifier Applications
2SC2714-Y TOSHIBA-2SC2714-Y Datasheet
548Kb / 8P
High Frequency Amplifier Applications FM, RF, MIX, IF Amplifier Applications
logo
SEMTECH ELECTRONICS LTD...
2SC1675 SEMTECH_ELEC-2SC1675 Datasheet
478Kb / 3P
NPN Silicon Epitaxial Planar Transistor FM/AM RF AMP, MIX, CONV, OSC, IF
19/12/2003
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com