Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4215 Datasheet (PDF) - Shenzhen Jin Yu Semiconductor Co., Ltd.

2SC4215 Datasheet PDF - Shenzhen Jin Yu Semiconductor Co., Ltd.
Part # 2SC4215
Download  2SC4215 Download
File Size   888.4 Kbytes
Page   3 Pages
Manufacturer  HTSEMI [Shenzhen Jin Yu Semiconductor Co., Ltd.]
Direct Link  http://www.htsemi.com
Logo HTSEMI - Shenzhen Jin Yu Semiconductor Co., Ltd.
Description TRANSISTOR (NPN)

2SC4215 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SC4215 Datasheet PDF - Shenzhen Jin Yu Semiconductor Co., Ltd.

Part # 2SC4215
Download  2SC4215 Click to download

File Size   888.4 Kbytes
Page   3 Pages
Manufacturer  HTSEMI [Shenzhen Jin Yu Semiconductor Co., Ltd.]
Direct Link  http://www.htsemi.com
Logo HTSEMI - Shenzhen Jin Yu Semiconductor Co., Ltd.
Description TRANSISTOR (NPN)

2SC4215 Datasheet (HTML) - Shenzhen Jin Yu Semiconductor Co., Ltd.


2SC4215 Product details

FEATURES
• Small reverse transfer capacitance: Cre= 0.55pF(typ.)
• Low noise figure: NF=2dB (typ.) (f=100 MHz)




Similar Part No. - 2SC4215

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC4215 TOSHIBA-2SC4215 Datasheet
172Kb / 4P
NPN EPITAXIAL PLANAR TYPE (HIGH FREQUENCY FM, RF, MIX, IF AMPLIFIERAPPLICATIONS)
28-Oct-1998
2SC4215 TOSHIBA-2SC4215 Datasheet
519Kb / 5P
Silicon NPN Epitaxial Planar Type High Frequency Amplifier Applications
01-Nov-2007
logo
Guangdong Kexin Industr...
2SC4215 KEXIN-2SC4215 Datasheet
45Kb / 1P
Silicon NPN Epitaxial
logo
Weitron Technology
2SC4215 WEITRON-2SC4215 Datasheet
604Kb / 4P
NPN Silicon Transistor
logo
SeCoS Halbleitertechnol...
2SC4215 SECOS-2SC4215 Datasheet
195Kb / 3P
NPN Plastic-Encapsulate Transistor
More results


Similar Description - 2SC4215

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
DTC114T UTC-DTC114T Datasheet
194Kb / 3P
NPN DIGITAL TRANSISTOR NPN DIGITAL TRANSISTOR
logo
Shenzhen Jin Yu Semicon...
2SC4944 HTSEMI-2SC4944 Datasheet
850Kb / 1P
DUAL TRANSISTOR (NPN NPN)
logo
Jiangsu Changjiang Elec...
BC847BV JIANGSU-BC847BV Datasheet
3Mb / 3P
DUAL TRANSISTOR(NPN NPN)
EMX18 JIANGSU-EMX18 Datasheet
776Kb / 3P
DUAL TRANSISTOR(NPNNPN)
EMX1 JIANGSU-EMX1 Datasheet
3Mb / 4P
DUAL TRANSISTOR(NPNNPN)
IMX2 JIANGSU-IMX2 Datasheet
5Mb / 4P
DUAL TRANSISTOR (NPNNPN)
MMDT3904 JIANGSU-MMDT3904 Datasheet
1Mb / 4P
DUAL TRANSISTOR (NPNNPN)
UMX2N JIANGSU-UMX2N Datasheet
1Mb / 3P
DUAL TRANSISTOR (NPNNPN)
UMX3N JIANGSU-UMX3N Datasheet
3Mb / 4P
DUAL TRANSISTOR (NPNNPN)
logo
Rectron Semiconductor
MMDT3904 RECTRON-MMDT3904 Datasheet
263Kb / 5P
DUAL TRANSISTOR (NPNNPN)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com