Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CHS-134PIN Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

CHS-134PIN Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # CHS-134PIN
Download  CHS-134PIN Download
File Size   59.1 Kbytes
Page   3 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Bi-Directional Couplers, 10 - 500 MHz

CHS-134PIN Datasheet (PDF)

Go To PDF Page Download Datasheet
CHS-134PIN Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # CHS-134PIN
Download  CHS-134PIN Click to download

File Size   59.1 Kbytes
Page   3 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Bi-Directional Couplers, 10 - 500 MHz

CHS-134PIN Datasheet (HTML) - M/A-COM Technology Solutions, Inc.


CHS-134PIN Product details

Description
Bi-Directional Couplers offer the ability to couple the power in two directions while maintaining directivity.

Features
• Constant Coupling - Within ± 0.5 dB Max.
• MIL-STD-202 Screening Available




Similar Part No. - CHS-134PIN

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
CHS-134PIN MACOM-CHS-134PIN Datasheet
140Kb / 2P
Bi-Directional Couplers 10 - 500 MHz
CHS-134PIN MACOM-CHS-134PIN Datasheet
217Kb / 3P
Bi-Directional Couplers, 10 - 500 MHz
More results


Similar Description - CHS-134PIN

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
CHS-134 MACOM-CHS-134 Datasheet
140Kb / 2P
Bi-Directional Couplers 10 - 500 MHz
CH-134 MACOM-CH-134_1 Datasheet
217Kb / 3P
Bi-Directional Couplers, 10 - 500 MHz
CH-138 MACOM-CH-138_1 Datasheet
111Kb / 2P
11dB Bi-Directional Couplers, 10 - 500 MHz
logo
SYNERGY MICROWAVE CORPO...
KAP-241 SYNERGY-KAP-241 Datasheet
40Kb / 2P
BI-DIRECTIONAL COUPLERS
logo
Merrimac Industries, In...
C-114 MERRIMAC-C-114 Datasheet
99Kb / 1P
BI-DIRECTIONAL COUPLERS
CRF-10A-250 MERRIMAC-CRF-10A-250 Datasheet
32Kb / 1P
BI-DIRECTIONAL COUPLERS
CRG-10B-255 MERRIMAC-CRG-10B-255 Datasheet
66Kb / 1P
BI-DIRECTIONAL COUPLERS
CRP-10N-250 MERRIMAC-CRP-10N-250 Datasheet
59Kb / 1P
BI-DIRECTIONAL COUPLERS
logo
M/A-COM Technology Solu...
CH-CHS-134 MA-COM-CH-CHS-134 Datasheet
59Kb / 3P
Bi-Directional Couplers
CH-CHS-134 MA-COM-CH-CHS-134_15 Datasheet
59Kb / 3P
Bi-Directional Couplers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com