Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CHS-134 Datasheet (PDF) - Tyco Electronics

CHS-134 Datasheet PDF - Tyco Electronics
Part # CHS-134
Download  CHS-134 Download
File Size   140.65 Kbytes
Page   2 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Bi-Directional Couplers 10 - 500 MHz

CHS-134 Datasheet (PDF)

Go To PDF Page Download Datasheet
CHS-134 Datasheet PDF - Tyco Electronics

Part # CHS-134
Download  CHS-134 Click to download

File Size   140.65 Kbytes
Page   2 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Bi-Directional Couplers 10 - 500 MHz

CHS-134 Datasheet (HTML) - Tyco Electronics


CHS-134 Product details

Description
Bi-Directional Couplers offer the ability to couple the power in two directions while maintaining directivity.

Features
■ Constant Coupling - Within ± 0.5 dB Max.
■ MIL-STD-202 Screening Available




Similar Part No. - CHS-134

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
CHS-134 MA-COM-CHS-134 Datasheet
59Kb / 3P
Bi-Directional Couplers, 10 - 500 MHz
logo
Tyco Electronics
CHS-134PIN MACOM-CHS-134PIN Datasheet
217Kb / 3P
Bi-Directional Couplers, 10 - 500 MHz
logo
M/A-COM Technology Solu...
CHS-134PIN MA-COM-CHS-134PIN Datasheet
59Kb / 3P
Bi-Directional Couplers, 10 - 500 MHz
More results


Similar Description - CHS-134

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
CH-134 MACOM-CH-134_1 Datasheet
217Kb / 3P
Bi-Directional Couplers, 10 - 500 MHz
CH-138 MACOM-CH-138_1 Datasheet
111Kb / 2P
11dB Bi-Directional Couplers, 10 - 500 MHz
logo
SYNERGY MICROWAVE CORPO...
KAP-241 SYNERGY-KAP-241 Datasheet
40Kb / 2P
BI-DIRECTIONAL COUPLERS
logo
Merrimac Industries, In...
C-114 MERRIMAC-C-114 Datasheet
99Kb / 1P
BI-DIRECTIONAL COUPLERS
CRF-10A-250 MERRIMAC-CRF-10A-250 Datasheet
32Kb / 1P
BI-DIRECTIONAL COUPLERS
CRG-10B-255 MERRIMAC-CRG-10B-255 Datasheet
66Kb / 1P
BI-DIRECTIONAL COUPLERS
CRP-10N-250 MERRIMAC-CRP-10N-250 Datasheet
59Kb / 1P
BI-DIRECTIONAL COUPLERS
logo
M/A-COM Technology Solu...
CH-134 MA-COM-CH-134 Datasheet
59Kb / 3P
Bi-Directional Couplers, 10 - 500 MHz
CH-CHS-134 MA-COM-CH-CHS-134 Datasheet
59Kb / 3P
Bi-Directional Couplers
CH-CHS-134 MA-COM-CH-CHS-134_15 Datasheet
59Kb / 3P
Bi-Directional Couplers
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com