Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4605 Datasheet (PDF) - Toshiba Semiconductor

2SC4605 Datasheet PDF - Toshiba Semiconductor
Part # 2SC4605
Download  2SC4605 Download
File Size   228.7 Kbytes
Page   3 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description NPN EPITAXIAL TYPE (VIDEO OUTPUT FOR SUPER HIGH RESOLUTION DISPLAY HIGH SPEED SWITCHING APPLICATIONS)

2SC4605 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SC4605 Datasheet PDF - Toshiba Semiconductor

Part # 2SC4605
Download  2SC4605 Click to download

File Size   228.7 Kbytes
Page   3 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description NPN EPITAXIAL TYPE (VIDEO OUTPUT FOR SUPER HIGH RESOLUTION DISPLAY HIGH SPEED SWITCHING APPLICATIONS)

2SC4605 Datasheet (HTML) - Toshiba Semiconductor


2SC4605 Product details

 VIDEO OUTPUT FOR SUPER HIGH RESOLUTION DISPLAY HIGH SPEED SWITCHING APPLICATIONS



High Transition Frequency : fT = 1.1GHz (Typ.)

Low Collector Output Capacitance : Cob = 4.8pF (Typ.)

High Voltage : VCEO = 100V

High Collector Power Dissipation Capability : PC = 10W




Similar Part No. - 2SC4605

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SC460 HITACHI-2SC460 Datasheet
51Kb / 13P
Silicon NPN Epitaxial Planar
logo
Renesas Technology Corp
2SC460 RENESAS-2SC460 Datasheet
196Kb / 9P
Silicon NPN Epitaxial Planar
logo
Sanyo Semicon Device
2SC4600 SANYO-2SC4600 Datasheet
96Kb / 4P
Switching Regulator Applications
logo
Guangdong Kexin Industr...
2SC4600 KEXIN-2SC4600 Datasheet
48Kb / 2P
NPN Triple Diffused Planar Silicon Transistor
logo
Sanyo Semicon Device
2SC4601 SANYO-2SC4601 Datasheet
95Kb / 4P
Switching Regulator Applications
More results


Similar Description - 2SC4605

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC4200 TOSHIBA-2SC4200 Datasheet
226Kb / 3P
NPN EPITAXIAL TYPE (VIDEO DRIVER FOR SUPER HIGH RESOLUTION DISPLAY HIGH SPEED SWITCHING APPLICATIONS)
2SC4439 TOSHIBA-2SC4439 Datasheet
218Kb / 3P
NPN EPITAXIAL TYPE (VIDEO OUTPUT STAGE IN HIGH RESOLUTION DISPLAY, HIGH SPEED SWITCHING APPLICATIONS)
2SC4448 TOSHIBA-2SC4448 Datasheet
194Kb / 3P
NPN EPITAXIAL TYPE (CHROMA, VIDEO OUTPUT APPLICATIONS FOR HDTV,HIGH RESOLUTION DISPLAY)
2SC4479 TOSHIBA-2SC4479 Datasheet
229Kb / 3P
NPN EPITAXIAL TYPE (VIDEO OUTPUT APPLICATIONS FOR SUPER HIGH RESOLUTION DISPLAY. HIGH SPEED SWITCHING APPLICATIONS)
2SC4678 TOSHIBA-2SC4678 Datasheet
203Kb / 3P
NPN EPITAXIAL TYPE (HIGH CHROMA OUTPUT APPLICATIONS, VIDEO OUTPUT STAGE IN HIGH RESOLUTION DISPLAY)
2SC4679 TOSHIBA-2SC4679 Datasheet
204Kb / 3P
NPN EPITAXIAL TYPE (HDTV CHROMA OUTPUT APPLICATIONS, VIDEO OUTPUT STAGE IN HIGH RESOLUTION DISPLAY)
2SC5468 TOSHIBA-2SC5468 Datasheet
88Kb / 1P
NPN EPITAXIAL TYPE (VIDEO OUTPUT STAGE IN HIGH RESOLUTION DISPLAY)
2SC5570 TOSHIBA-2SC5570 Datasheet
243Kb / 5P
NPN TRIPLE DIFFUSED MESA TYPE (HORIZONTAL DEFLECTION OUTPUT FOR SUPER HIGH RESOLUTION DISPLAY, COLOR TV. HIGH SPEED SWITCHING APPLICATIONS)
2SC5587 TOSHIBA-2SC5587 Datasheet
239Kb / 5P
NPN TRIPLE DIFFUSED MESA TYPE (HORIZONTAL DEFLECTION OUTPUT FOR SUPER HIGH RESOLUTION DISPLAY, COLOR TV. HIGH SPEED SWITCHING APPLICATIONS)
2SC5589 TOSHIBA-2SC5589 Datasheet
222Kb / 5P
NPN TRIPLE DIFFUSED MESA TYPE ((HORIZONTAL DEFLECTION OUTPUT FOR SUPER HIGH RESOLUTION DISPLAY, COLOR TV. HIGH SPEED SWITCHING APPLICATIONS)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com