Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STD-1640P Datasheet (PDF) - Volgen Kaga Electronics Inc.

STD-1640P Datasheet PDF - Volgen Kaga Electronics Inc.
Part # STD-1640P
Download  STD-1640P Download
File Size   125.02 Kbytes
Page   2 Pages
Manufacturer  VOLGEN [Volgen Kaga Electronics Inc.]
Direct Link  http://www.volgen.com
Logo VOLGEN - Volgen Kaga Electronics Inc.
Description ADAPTER - 65W

STD-1640P Datasheet (PDF)

Go To PDF Page Download Datasheet
STD-1640P Datasheet PDF - Volgen Kaga Electronics Inc.

Part # STD-1640P
Download  STD-1640P Click to download

File Size   125.02 Kbytes
Page   2 Pages
Manufacturer  VOLGEN [Volgen Kaga Electronics Inc.]
Direct Link  http://www.volgen.com
Logo VOLGEN - Volgen Kaga Electronics Inc.
Description ADAPTER - 65W

STD-1640P Datasheet (HTML) - Volgen Kaga Electronics Inc.




Similar Part No. - STD-1640P

ManufacturerPart #DatasheetDescription
logo
Volgen Kaga Electronics...
STD-16010T VOLGEN-STD-16010T Datasheet
75Kb / 2P
ADAPTER-18W
STD-16012T VOLGEN-STD-16012T Datasheet
75Kb / 2P
ADAPTER-18W
STD-1638 VOLGEN-STD-1638 Datasheet
103Kb / 2P
ADAPTER - 36W / 48W/ 60W
STD-1656 VOLGEN-STD-1656 Datasheet
113Kb / 2P
ADAPTER - 90W
More results


Similar Description - STD-1640P

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2N6386 MOSPEC-2N6386 Datasheet
160Kb / 3P
POWER TRANSISTORS(65W)
2N6666 MOSPEC-2N6666 Datasheet
151Kb / 3P
POWER TRANSISTORS(65W)
BD243 MOSPEC-BD243 Datasheet
127Kb / 3P
POWER TRANSISTORS(6A,65W)
logo
M/A-COM Technology Solu...
NPT35050A MA-COM-NPT35050A_15 Datasheet
673Kb / 10P
65W RF Power Transistor
logo
SL Power Electronics
TB65 SLPOWER-TB65_16 Datasheet
641Kb / 6P
65W Single Output
logo
MORNSUN Science& Techno...
LO65-10B05 MORNSUN-LO65-10B05 Datasheet
856Kb / 4P
65W, AC-DC converter
MW06509DA MORNSUN-MW06509DA Datasheet
331Kb / 4P
65W AC/DC Adapter
MX06509DA MORNSUN-MX06509DA Datasheet
328Kb / 4P
65W AC/DC Adapter
MY06509DA MORNSUN-MY06509DA Datasheet
428Kb / 4P
65W AC/DC Adapter
logo
FSP TECHNOLOGY INC.
FSP050-DHAN3 FSP-FSP050-DHAN3 Datasheet
4Mb / 3P
50W ~ 65W 12V Adapter
2018.12 spec
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com