Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAPM-020512-040C00 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

MAPM-020512-040C00 Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # MAPM-020512-040C00
Download  MAPM-020512-040C00 Download
File Size   64.69 Kbytes
Page   2 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Broadband UHF/VHF Power Module 20 - 512 MHz, 40W

MAPM-020512-040C00 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAPM-020512-040C00 Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # MAPM-020512-040C00
Download  MAPM-020512-040C00 Click to download

File Size   64.69 Kbytes
Page   2 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Broadband UHF/VHF Power Module 20 - 512 MHz, 40W

MAPM-020512-040C00 Datasheet (HTML) - M/A-COM Technology Solutions, Inc.




Similar Part No. - MAPM-020512-040C00

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAPM-020512-040C00 MA-COM-MAPM-020512-040C00 Datasheet
97Kb / 2P
Broadband UHF/VHF Power Module
MAPM-020512-040C00 MA-COM-MAPM-020512-040C00_2 Datasheet
97Kb / 2P
Broadband UHF/VHF Power Module
More results


Similar Description - MAPM-020512-040C00

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
PHA4000-1 MACOM-PHA4000-1 Datasheet
98Kb / 1P
Broadband VHF Power Module, 13W 30 - 400 MHz
PHA4000-2 MACOM-PHA4000-2 Datasheet
94Kb / 1P
Broadband VHF Power Module, 64W 30 - 400 MHz
logo
STMicroelectronics
2N5641 STMICROELECTRONICS-2N5641 Datasheet
182Kb / 2P
7W / 20W / 40W, 28V, VHF POWER TRANSISTOR
logo
Tyco Electronics
PHA4000-1 MACOM-PHA4000-1_1 Datasheet
280Kb / 4P
Broadband VHF Power Module, 13 W and 64 W 30 - 400 MHz
logo
M/A-COM Technology Solu...
MAPM-020512-010C00 MA-COM-MAPM-020512-010C00 Datasheet
62Kb / 2P
Broadband UHF/VHF Power Module 20 - 512 MHz, 10W
MAPM-020512-040C00 MA-COM-MAPM-020512-040C00_2 Datasheet
97Kb / 2P
Broadband UHF/VHF Power Module
MAPM-030400-060C00 MA-COM-MAPM-030400-060C00 Datasheet
70Kb / 2P
Broadband UHF/VHF Power Module
logo
New Jersey Semi-Conduct...
2N3866 NJSEMI-2N3866 Datasheet
252Kb / 2P
NPN UHF/VHF POWER TRANSISTORS
logo
World Produts Inc.
WPANT30037-RA WPI-WPANT30037-RA Datasheet
86Kb / 2P
400 . 800 MHz UHF Broadband Antenna
logo
Pulse A Technitrol Comp...
LMUHFBASEB PULSE-LMUHFBASEB Datasheet
395Kb / 3P
UHF 406-512 MHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com