Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PHA4000-2 Datasheet (PDF) - Tyco Electronics

PHA4000-2 Datasheet PDF - Tyco Electronics
Part # PHA4000-2
Download  PHA4000-2 Download
File Size   94.25 Kbytes
Page   1 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Broadband VHF Power Module, 64W 30 - 400 MHz

PHA4000-2 Datasheet (PDF)

Go To PDF Page Download Datasheet
PHA4000-2 Datasheet PDF - Tyco Electronics

Part # PHA4000-2
Download  PHA4000-2 Click to download

File Size   94.25 Kbytes
Page   1 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Broadband VHF Power Module, 64W 30 - 400 MHz

PHA4000-2 Datasheet (HTML) - Tyco Electronics




Similar Part No. - PHA4000-2

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
PHA4000-1 MACOM-PHA4000-1 Datasheet
98Kb / 1P
Broadband VHF Power Module, 13W 30 - 400 MHz
PHA4000-1 MACOM-PHA4000-1_1 Datasheet
280Kb / 4P
Broadband VHF Power Module, 13 W and 64 W 30 - 400 MHz
More results


Similar Description - PHA4000-2

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
FM-106 MACOM-FM-106 Datasheet
193Kb / 2P
Broadband Frequency Doubler, 400 - 6000 MHz Output
PHA4000-1 MACOM-PHA4000-1 Datasheet
98Kb / 1P
Broadband VHF Power Module, 13W 30 - 400 MHz
PHA4000-1 MACOM-PHA4000-1_1 Datasheet
280Kb / 4P
Broadband VHF Power Module, 13 W and 64 W 30 - 400 MHz
logo
M/A-COM Technology Solu...
MAPM-020512-010C00 MA-COM-MAPM-020512-010C00 Datasheet
62Kb / 2P
Broadband UHF/VHF Power Module 20 - 512 MHz, 10W
MAPM-020512-040C00 MA-COM-MAPM-020512-040C00 Datasheet
64Kb / 2P
Broadband UHF/VHF Power Module 20 - 512 MHz, 40W
MAPM-020512-040C00 MA-COM-MAPM-020512-040C00_2 Datasheet
97Kb / 2P
Broadband UHF/VHF Power Module
MAPM-030400-060C00 MA-COM-MAPM-030400-060C00 Datasheet
70Kb / 2P
Broadband UHF/VHF Power Module
logo
Micronetics, Inc.
NMA2515-2T MICRONETICS-NMA2515-2T Datasheet
335Kb / 2P
High Power Broadband Noise Sources 30 MHz to 3000 MHz
NMA2515-1T MICRONETICS-NMA2515-1T Datasheet
314Kb / 2P
High Power Broadband Noise Sources 30 MHz to 3000 MHz
logo
World Produts Inc.
WPANT30037-RA WPI-WPANT30037-RA Datasheet
86Kb / 2P
400 . 800 MHz UHF Broadband Antenna
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com