Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC757 Datasheet (PDF) - Hittite Microwave Corporation

HMC757 Datasheet PDF - Hittite Microwave Corporation
Part # HMC757
Download  HMC757 Download
File Size   276.75 Kbytes
Page   8 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs pHEMT MMIC 1/2 WATT POWER AMPLIFIER, 16 - 24 GHz

HMC757 Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC757 Datasheet PDF - Hittite Microwave Corporation

Part # HMC757
Download  HMC757 Click to download

File Size   276.75 Kbytes
Page   8 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs pHEMT MMIC 1/2 WATT POWER AMPLIFIER, 16 - 24 GHz

HMC757 Datasheet (HTML) - Hittite Microwave Corporation


HMC757 Product details

General Description
The hmC757 is a three stage GaAs phemT mmiC 1/2 watt power Amplifier which operates between 16 and 24 Ghz. The hmC757 provides 22 dB of gain, and +30 dBm of saturated output power at 30% pAe from a +7V supply. The rf i/os are DC blocked and matched to 50 ohms for ease of integration into multiChip-modules (mCms). All data is taken with the chip in a 50 ohm test fixture connected via 0.025 mm (1 mil) diameter wire bonds of length 0.31 mm (12 mils).

Features
   Saturated Output Power: +30 dBm @ 30% PAE
   High Output ip3: +37 dBm
   High Gain: 22 dB
   DC Supply: +7V @ 395mA
   50 ohm Matched Input/Output
   Die Size: 2.4 x 0.9 x 0.1 mm

Typical Applications
The hmC757 is ideal for:
• point-to-point radios
• point-to-multi-point radios
• VsAT
• military & space




Similar Part No. - HMC757

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC757 HITTITE-HMC757 Datasheet
640Kb / 8P
GaAs pHEMT MMIC 1/2 WATT POWER AMPLIFIER, 16 - 24 GHz
logo
Analog Devices
HMC757 AD-HMC757 Datasheet
1Mb / 22P
Active Bias Controller High Current
logo
Hittite Microwave Corpo...
HMC757LP4E HITTITE-HMC757LP4E Datasheet
993Kb / 8P
GaAs pHEMT MMIC WATT POWER AMPLIFIER, 16 - 24 GHz
logo
Analog Devices
HMC757LP4E AD-HMC757LP4E Datasheet
1Mb / 22P
Active Bias Controller High Current
logo
Hittite Microwave Corpo...
HMC757 HITTITE-HMC757_10 Datasheet
640Kb / 8P
GaAs pHEMT MMIC 1/2 WATT POWER AMPLIFIER, 16 - 24 GHz
More results


Similar Description - HMC757

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC756 HITTITE-HMC756 Datasheet
289Kb / 8P
GaAs PHEMT MMIC 1 WATT POWER AMPLIFIER, 16 - 24 GHz
HMC756 HITTITE-HMC756_10 Datasheet
289Kb / 8P
GaAs PHEMT MMIC 1 WATT POWER AMPLIFIER, 16 - 24 GHz
HMC863 HITTITE-HMC863_09 Datasheet
302Kb / 8P
GaAs pHEMT MMIC 쩍 WATT POWER AMPLIFIER, 24 - 29.5 GHz
HMC864 HITTITE-HMC864_10 Datasheet
313Kb / 8P
GaAs pHEMT MMIC 1 WATT POWER AMPLIFIER, 24 - 29.5 GHz
HMC757LP4E HITTITE-HMC757LP4E Datasheet
993Kb / 8P
GaAs pHEMT MMIC WATT POWER AMPLIFIER, 16 - 24 GHz
HMC943LP5E HITTITE-HMC943LP5E Datasheet
1Mb / 8P
GaAs pHEMT MMIC 1.5 WATT POWER AMPLIFIER, 24 - 31.5 GHz
HMC757 HITTITE-HMC757_10 Datasheet
640Kb / 8P
GaAs pHEMT MMIC 1/2 WATT POWER AMPLIFIER, 16 - 24 GHz
HMC863 HITTITE-HMC863_10 Datasheet
707Kb / 8P
GaAs pHEMT MMIC 쩍 WATT POWER AMPLIFIER, 24 - 29.5 GHz
HMC864_1007 HITTITE-HMC864_1007 Datasheet
722Kb / 8P
GaAs pHEMT MMIC 1 WATT POWER AMPLIFIER, 24 - 29.5 GHz
logo
Analog Devices
HMC863ALC4 AD-HMC863ALC4 Datasheet
915Kb / 11P
GaAs pHEMT MMIC 1/2 WATT POWER AMPLIFIER
More results




About Hittite Microwave Corporation


Hittite Microwave Corporation was a semiconductor company that designed and manufactured high-performance integrated circuits (ICs), modules, and subsystems for radio frequency (RF), microwave, and millimeter-wave applications. The company was founded in 1985 and was based in Chelmsford, Massachusetts.

Hittite Microwave's products were used in various applications, including cellular infrastructure, test and measurement equipment, military and aerospace, broadband, and fiber optics. The company's product portfolio included amplifiers, mixers, switches, attenuators, synthesizers, and other RF and microwave components.

In 2014, Analog Devices, Inc. (ADI), a leading semiconductor company specializing in signal processing and analog technologies, acquired Hittite Microwave Corporation for approximately $2.45 billion. After the acquisition, Hittite Microwave became part of ADI's RF and Microwave business unit.

Today, Analog Devices, Inc. continues to provide high-performance RF and microwave products and solutions for a broad range of applications, leveraging the expertise and technologies gained through the acquisition of Hittite Microwave Corporation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com