Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A1211 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

A1211 Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # A1211
Download  A1211 Download
File Size   1341.46 Kbytes
Page   2 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Cascadable Amplifier 10 to 1200 MHz

A1211 Datasheet (PDF)

Go To PDF Page Download Datasheet
A1211 Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # A1211
Download  A1211 Click to download

File Size   1341.46 Kbytes
Page   2 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Cascadable Amplifier 10 to 1200 MHz

A1211 Datasheet (HTML) - M/A-COM Technology Solutions, Inc.


A1211 Product details

Description
The A1211 RF amplifier is a discrete hybrid design, which uses thin film manufacturing processes for accurate performance and high reliability.
This single stage GaAs FET feedback amplifier design displays impressive performance characteristics over a broadband frequency range. An RF choke is used for DC power supply decoupling.
Both TO-8 and Surface Mount packages are hermetically sealed, and MIL-STD-883 environmental screening is available.

Features
• HIGH EFFICIENCY: 16 mA at +5 Vdc
• LOW NOISE FIGURE: 2.8 dB at 5 Vdc (TYP.)
• LOW CURRENT DRAIN: 15.5 mA at 5 Vdc
• MEDIUM OUTPUT POWER: +11 dBm at 8 Vdc (TYP.)
• MEDIUM THIRD I.P.: +25 dBm at 8 Vdc




Similar Part No. - A1211

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A1211 MACOM-A1211 Datasheet
111Kb / 1P
10 TO 1200 MHz CASCADABLE AMPLIFIER
logo
Allegro MicroSystems
A1211 ALLEGRO-A1211 Datasheet
443Kb / 12P
Continuous-Time Latch Family
logo
Tyco Electronics
A1211 MACOM-A1211 Datasheet
381Kb / 2P
Cascadable Amplifier 10 to 1200 MHz
logo
Allegro MicroSystems
A1211 ALLEGRO-A1211 Datasheet
292Kb / 14P
Continuous-Time Latch Family
logo
Mobile Mark, Inc.
A1211 MOBILEMARK-A1211 Datasheet
95Kb / 1P
136-960 MHz Flexible Quarterwave
Rev 1 ES 06/23
More results


Similar Description - A1211

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A1211 MACOM-A1211 Datasheet
111Kb / 1P
10 TO 1200 MHz CASCADABLE AMPLIFIER
A64 MACOM-A64 Datasheet
110Kb / 1P
10 TO 1200 MHz CASCADABLE AMPLIFIER
A16-2 MACOM-A16-2 Datasheet
357Kb / 2P
Cascadable Amplifier 10 to 1200 MHz
A21-1 MACOM-A21-1_1 Datasheet
365Kb / 2P
Cascadable Amplifier 10 to 1200 MHz
A64 MACOM-A64_1 Datasheet
381Kb / 2P
Cascadable Amplifier 10 to 1200 MHz
A1211 MACOM-A1211_1 Datasheet
381Kb / 2P
Cascadable Amplifier 10 to 1200 MHz
logo
M/A-COM Technology Solu...
SMA21-1 MA-COM-SMA21-1 Datasheet
1Mb / 2P
Cascadable Amplifier 10 to 1200 MHz
A64 MA-COM-A64 Datasheet
1Mb / 2P
Cascadable Amplifier 10 to 1200 MHz
A66 MA-COM-A66 Datasheet
1Mb / 2P
Cascadable Amplifier 10 to 1200 MHz
MAAM-008198-00A162 MA-COM-MAAM-008198-00A162 Datasheet
1Mb / 2P
Cascadable Amplifier 10 to 1200 MHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com