Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A64 Datasheet (PDF) - Tyco Electronics

A64 Datasheet PDF - Tyco Electronics
Part # A64
Download  A64 Download
File Size   110.93 Kbytes
Page   1 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description 10 TO 1200 MHz CASCADABLE AMPLIFIER

A64 Datasheet (PDF)

Go To PDF Page Download Datasheet
A64 Datasheet PDF - Tyco Electronics

Part # A64
Download  A64 Click to download

File Size   110.93 Kbytes
Page   1 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description 10 TO 1200 MHz CASCADABLE AMPLIFIER

A64 Datasheet (HTML) - Tyco Electronics


A64 Product details

Description
The A64 RF amplifier is a discrete hybrid design, which uses thin film manufacturing processes for consistent performance and high reliability.
This 2 stage bipolar transistor feedback amplifier design displays impressive performance over a broadband frequency range. An active DC biasing network insures temperature-stable performance.
Both TO-8 and Surface Mount packages are hermetically sealed, and MIL-STD-883 environmental screening is available

Features
● LOW NOISE: 3.0 dB (TYP.)
● HIGH GAIN - TWO STAGES: 26 dB (TYP.)
● ULTRA LOW PHASE DEVIATION FROM
   LINEARITY: <±2°, 100-1000 MHz
● LOW VSWR: 1.2:1 (TYP.)




Similar Part No. - A64

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A64 MACOM-A64 Datasheet
381Kb / 2P
Cascadable Amplifier 10 to 1200 MHz
logo
Connor-Winfield Corpora...
A64 CONNOR-WINFIELD-A64 Datasheet
53Kb / 1P
8 PIN DIP ACMOS
logo
M/A-COM Technology Solu...
A64 MA-COM-A64 Datasheet
1Mb / 2P
Cascadable Amplifier 10 to 1200 MHz
A64 MA-COM-A64 Datasheet
650Kb / 3P
Cascadable Amplifier
A64-SMA64 MA-COM-A64-SMA64 Datasheet
1Mb / 2P
Cascadable Amplifier
More results


Similar Description - A64

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A1211 MACOM-A1211 Datasheet
111Kb / 1P
10 TO 1200 MHz CASCADABLE AMPLIFIER
A16-2 MACOM-A16-2 Datasheet
357Kb / 2P
Cascadable Amplifier 10 to 1200 MHz
A21-1 MACOM-A21-1_1 Datasheet
365Kb / 2P
Cascadable Amplifier 10 to 1200 MHz
A64 MACOM-A64_1 Datasheet
381Kb / 2P
Cascadable Amplifier 10 to 1200 MHz
A1211 MACOM-A1211_1 Datasheet
381Kb / 2P
Cascadable Amplifier 10 to 1200 MHz
logo
M/A-COM Technology Solu...
SMA21-1 MA-COM-SMA21-1 Datasheet
1Mb / 2P
Cascadable Amplifier 10 to 1200 MHz
A64 MA-COM-A64 Datasheet
1Mb / 2P
Cascadable Amplifier 10 to 1200 MHz
A66 MA-COM-A66 Datasheet
1Mb / 2P
Cascadable Amplifier 10 to 1200 MHz
A1211 MA-COM-A1211 Datasheet
1Mb / 2P
Cascadable Amplifier 10 to 1200 MHz
MAAM-008198-00A162 MA-COM-MAAM-008198-00A162 Datasheet
1Mb / 2P
Cascadable Amplifier 10 to 1200 MHz
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com