Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM-143 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

AM-143 Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # AM-143
Download  AM-143 Download
File Size   85.41 Kbytes
Page   3 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Low Noise Amplifier, 16 dB Gain, 5 - 500 MHz

AM-143 Datasheet (PDF)

Go To PDF Page Download Datasheet
AM-143 Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # AM-143
Download  AM-143 Click to download

File Size   85.41 Kbytes
Page   3 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Low Noise Amplifier, 16 dB Gain, 5 - 500 MHz

AM-143 Datasheet (HTML) - M/A-COM Technology Solutions, Inc.


AM-143 Product details

Description
M/A-COM’s AM-143 is a coupler feedback amplifier with low noise figure and high intercept points for the low bias current. The use of coupler feedback minimizes noise figure and current in a high intercept amplifier. This amplifier is packaged in a TO-8 package. The ground plane on the PC board should be configured to remove heat from under the package. AM-143 are ideally suited for use where a low noise, high reliability amplifier is required.

Features
• 1.9 dB Typical Midband Noise Figure
• +7 dBm Typical Midband Output Power
• +20 dBm Typical Third Order Intercept




Similar Part No. - AM-143

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AM-143 MACOM-AM-143 Datasheet
230Kb / 3P
Low Noise Amplifier, 16dB Gain, 5 - 500 MHz
logo
M/A-COM Technology Solu...
AM-143 MA-COM-AM-143 Datasheet
539Kb / 4P
Low Noise Amplifier, 16 dB Gain, 5 - 500 MHz
AM-143-AMC-143 MA-COM-AM-143-AMC-143 Datasheet
85Kb / 3P
Low Noise Amplifier, 16 dB Gain
AM-143-AMC-143 MA-COM-AM-143-AMC-143_15 Datasheet
85Kb / 3P
Low Noise Amplifier
logo
DATEL, Inc.
AM-1435 DATEL-AM-1435 Datasheet
131Kb / 4P
Ultra-Fast, Wideband Operational Amplifi ers
More results


Similar Description - AM-143

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AM-AMC-147 MACOM-AM-AMC-147 Datasheet
224Kb / 3P
High Performance Amplifier, 17 dB Gain, 5 - 500 MHz
AM-AMC-151 MACOM-AM-AMC-151 Datasheet
219Kb / 3P
Cascadable Thin Film Amplifier, 12 dB Gain, 5 - 500 MHz
AM-123 MACOM-AM-123 Datasheet
270Kb / 3P
High Performance Amplifier, 10 dB Gain 5 - 500 MHz
AM-143 MACOM-AM-143 Datasheet
230Kb / 3P
Low Noise Amplifier, 16dB Gain, 5 - 500 MHz
AM-160 MACOM-AM-160_1 Datasheet
214Kb / 3P
Low Noise Amplifier, 28 dB Gain, 100 - 600 MHz
logo
M/A-COM Technology Solu...
AM-123 MA-COM-AM-123 Datasheet
79Kb / 3P
High Performance Amplifier, 10 dB Gain 5 - 500 MHz
AM-153 MA-COM-AM-153 Datasheet
64Kb / 2P
Low Noise Amplifier, 12 dB Gain, 300 - 1800 MHz
AM-143-AMC-143 MA-COM-AM-143-AMC-143 Datasheet
85Kb / 3P
Low Noise Amplifier, 16 dB Gain
AM-143 MA-COM-AM-143_15 Datasheet
539Kb / 4P
Low Noise Amplifier, 16 dB Gain, 5 - 500 MHz
AMS-162 MA-COM-AMS-162_15 Datasheet
624Kb / 4P
Low Noise Amplifier, 12.5 dB Gain, 10 - 100 MHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com