Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM-143 Datasheet (PDF) - Tyco Electronics

AM-143 Datasheet PDF - Tyco Electronics
Part # AM-143
Download  AM-143 Download
File Size   230.78 Kbytes
Page   3 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Low Noise Amplifier, 16dB Gain, 5 - 500 MHz

AM-143 Datasheet (PDF)

Go To PDF Page Download Datasheet
AM-143 Datasheet PDF - Tyco Electronics

Part # AM-143
Download  AM-143 Click to download

File Size   230.78 Kbytes
Page   3 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Low Noise Amplifier, 16dB Gain, 5 - 500 MHz

AM-143 Datasheet (HTML) - Tyco Electronics




Similar Part No. - AM-143

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
AM-143 MA-COM-AM-143 Datasheet
85Kb / 3P
Low Noise Amplifier, 16 dB Gain, 5 - 500 MHz
AM-143 MA-COM-AM-143 Datasheet
539Kb / 4P
Low Noise Amplifier, 16 dB Gain, 5 - 500 MHz
AM-143-AMC-143 MA-COM-AM-143-AMC-143 Datasheet
85Kb / 3P
Low Noise Amplifier, 16 dB Gain
AM-143-AMC-143 MA-COM-AM-143-AMC-143_15 Datasheet
85Kb / 3P
Low Noise Amplifier
logo
DATEL, Inc.
AM-1435 DATEL-AM-1435 Datasheet
131Kb / 4P
Ultra-Fast, Wideband Operational Amplifi ers
More results


Similar Description - AM-143

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD603 AD-AD603 Datasheet
219Kb / 14P
Low Noise, 90 MHz Variable-Gain Amplifier
AD603 AD-AD603_05 Datasheet
605Kb / 20P
Low Noise, 90 MHz Variable Gain Amplifier
3/05-Rev. F to Rev. G
logo
Tyco Electronics
AM-131 MACOM-AM-131 Datasheet
256Kb / 3P
High Performance Amplifier, 10dB Gain 5 - 500 MHz
logo
Analog Devices
AD603 AD-AD603_07 Datasheet
551Kb / 24P
Low Noise, 90 MHz Variable Gain Amplifier
Rev. H
logo
M/A-COM Technology Solu...
AM-143 MA-COM-AM-143 Datasheet
85Kb / 3P
Low Noise Amplifier, 16 dB Gain, 5 - 500 MHz
logo
Analog Devices
AD603 AD-AD603_15 Datasheet
994Kb / 25P
Low Noise, 90 MHz Variable Gain Amplifier
Rev. K
logo
M/A-COM Technology Solu...
AM-143 MA-COM-AM-143_15 Datasheet
539Kb / 4P
Low Noise Amplifier, 16 dB Gain, 5 - 500 MHz
logo
AVAGO TECHNOLOGIES LIMI...
MGA-621P8 AVAGO-MGA-621P8 Datasheet
3Mb / 18P
450 MHz??500 MHz Low Noise Amplifier
logo
Broadcom Corporation.
MGA-621P8 BOARDCOM-MGA-621P8 Datasheet
3Mb / 18P
450 MHz??500 MHz Low Noise Amplifier
logo
Qorvo, Inc
QPB0066 QORVO-QPB0066 Datasheet
1Mb / 15P
Digital Controlled Variable Gain Amplifier (5 - 500 MHz)
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com