Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QPB0066 Datasheet (PDF) - Qorvo, Inc

QPB0066 Datasheet PDF - Qorvo, Inc
Part # QPB0066
Download  QPB0066 Download
File Size   1110.06 Kbytes
Page   15 Pages
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc
Description Digital Controlled Variable Gain Amplifier (5 - 500 MHz)

QPB0066 Datasheet (PDF)

Go To PDF Page Download Datasheet
QPB0066 Datasheet PDF - Qorvo, Inc

Part # QPB0066
Download  QPB0066 Click to download

File Size   1110.06 Kbytes
Page   15 Pages
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc
Description Digital Controlled Variable Gain Amplifier (5 - 500 MHz)

QPB0066 Datasheet (HTML) - Qorvo, Inc




Similar Part No. - QPB0066

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
QPB0206N QORVO-QPB0206N Datasheet
919Kb / 13P
2 – 6 GHz GaN Amplifier
Rev. A, May 2023
QPB0218 QORVO-QPB0218 Datasheet
614Kb / 11P
2 ??18 GHz Wideband GaN SSPA
QPB0218N QORVO-QPB0218N Datasheet
891Kb / 14P
2 – 18 GHz Wideband GaN Amplifier
October 2024
QPB0220 QORVO-QPB0220 Datasheet
614Kb / 11P
2 ??18 GHz Wideband GaN SSPA
QPB0220J QORVO-QPB0220J Datasheet
525Kb / 17P
2 – 18 GHz GaN Driver Amplifier
April 2022
More results


Similar Description - QPB0066

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH6515 NSC-LMH6515 Datasheet
529Kb / 18P
600 MHz, Digital Controlled, Variable Gain Amplifier
LMH6514 NSC-LMH6514 Datasheet
525Kb / 20P
600 MHz, Digital Controlled, Variable Gain Amplifier
LMH6518 NSC-LMH6518 Datasheet
250Kb / 8P
825 MHz, Digital Controlled, Variable Gain Amplifier
logo
Texas Instruments
LMH6514 TI1-LMH6514_14 Datasheet
1Mb / 29P
LMH6514 600 MHz, Digital Controlled, Variable Gain Amplifier
LMH6515 TI1-LMH6515_14 Datasheet
1Mb / 27P
LMH6515 600 MHz, Digital Controlled, Variable Gain Amplifier
logo
Mini-Circuits
DVGA2-33PP MINI-DVGA2-33PP Datasheet
699Kb / 9P
Digital Controlled Variable Gain Amplifier
logo
BeRex Corporation
BVA518 BEREX-BVA518 Datasheet
2Mb / 18P
5-4000 MHz DIGITAL VARIABLE GAIN AMPLIFIER
logo
Texas Instruments
LMH6514 TI1-LMH6514 Datasheet
1Mb / 31P
LMH6514 600 MHz, Digital Controlled, Variable Gain Amplifier
LMH6515 TI1-LMH6515 Datasheet
1Mb / 31P
LMH6515 600 MHz, Digital Controlled, Variable Gain Amplifier
logo
BeRex Corporation
BVA518 BEREX-BVA518_18 Datasheet
2Mb / 18P
5-4000 MHz DIGITAL VARIABLE GAIN AMPLIFIER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com