Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QPB0206N Datasheet (PDF) - Qorvo, Inc

QPB0206N Datasheet PDF - Qorvo, Inc
Part # QPB0206N
Download  QPB0206N Download
File Size   919.78 Kbytes
Page   13 Pages
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc
Description 2 – 6 GHz GaN Amplifier

QPB0206N Datasheet (PDF)

Go To PDF Page Download Datasheet
QPB0206N Datasheet PDF - Qorvo, Inc

Part # QPB0206N
Download  QPB0206N Click to download

File Size   919.78 Kbytes
Page   13 Pages
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc
Description 2 – 6 GHz GaN Amplifier

QPB0206N Datasheet (HTML) - Qorvo, Inc


QPB0206N Product details

Product Features
• Frequency Range: 2 – 6 GHz
• Saturated Output Power: 54.3 dBm (PIN = 36 dBm)
• Large Signal Gain: 18.3 dB (PIN = 36 dBm)
• Solid State MMIC Reliability
• Multi-Element Redundancy
• Instant On (no warm-up)
• Integrated Bias Card
Performance is typical across frequency. Please
reference electrical specification table and data plots for
more details.




Similar Part No. - QPB0206N

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
QPB0218 QORVO-QPB0218 Datasheet
614Kb / 11P
2 ??18 GHz Wideband GaN SSPA
QPB0218N QORVO-QPB0218N Datasheet
891Kb / 14P
2 – 18 GHz Wideband GaN Amplifier
October 2024
QPB0220 QORVO-QPB0220 Datasheet
614Kb / 11P
2 ??18 GHz Wideband GaN SSPA
QPB0220J QORVO-QPB0220J Datasheet
525Kb / 17P
2 – 18 GHz GaN Driver Amplifier
April 2022
QPB0220N QORVO-QPB0220N Datasheet
763Kb / 11P
2 - 18 GHz Wideband GaN Amplifier
Rev. C, April 2023
More results


Similar Description - QPB0206N

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA2611 TRIQUINT-TGA2611 Datasheet
427Kb / 12P
2-6 GHz GaN LNA
TGA2578-CP TRIQUINT-TGA2578-CP_15 Datasheet
601Kb / 12P
2 to 6 GHz, 30W GaN Power Amplifier
TGA2597 TRIQUINT-TGA2597_15 Datasheet
901Kb / 14P
2 6 GHz GaN Driver Amplifier
TGA2597-SM TRIQUINT-TGA2597-SM_15 Datasheet
1Mb / 16P
2 6 GHz GaN Driver Amplifier
TGA2611 TRIQUINT-TGA2611_15 Datasheet
406Kb / 12P
2 to 6 GHz GaN LNA
TGA2611-SM TRIQUINT-TGA2611-SM_15 Datasheet
600Kb / 14P
2 6 GHz GaN LNA
TGA2227 TRIQUINT-TGA2227 Datasheet
1Mb / 16P
2??2 GHz GaN Low Noise Amplifier
logo
Qorvo, Inc
TGA2578-CP QORVO-TGA2578-CP Datasheet
519Kb / 13P
2 ??6 GHz 30 W GaN Power Amplifier
TGA2578 QORVO-TGA2578 Datasheet
566Kb / 12P
2-6 GHz 30 W GaN Power Amplifier
TGA2611-SM QORVO-TGA2611-SM Datasheet
1Mb / 13P
2 ??6 GHz GaN LNA
June 2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com